Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTM3F-R68J

  • AI
    ## Overview of the CTM3F-R68J The **CTM3F-R68J** is a high-reliability, molded unshielded inductor designed primarily for radio frequency (RF) and signal processing applications. It belongs to a class of axial leaded components used to provide inductance in a compact form factor. --- ### 1. Key Specifications The following table outlines the critical electrical and physical parameters of the CTM3F-R68J: | Parameter | Value | Details | | :--- | :--- | :--- | | **Inductance** | 0.68 µH | Rated at a specific test frequency (typically 25.2 MHz). | | **Tolerance** | ±5% | Indicated by the "J" suffix in the part number. | | **Current Rating** | ~1100 mA | The maximum DC current it can handle without overheating. | | **DC Resistance (DCR)** | 0.18 Ω Max | The internal resistance of the copper winding. | | **SRF (Self-Resonant Freq)** | 210 MHz | The frequency at which the inductor acts as a capacitor. | | **Q Factor (Min)** | 35 | Represents the efficiency (ratio of reactance to resistance). | | **Package Style** | Axial Leaded | Cylindrical body with leads exiting from both ends. | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying equivalent components: * **CTM3F**: The series designation (Molded Inductor, typically Military or High-Reliability grade). * **R68**: The inductance value. "R" acts as a decimal point ($0.68$ microhenries). * **J**: The tolerance code ($J = \pm 5\%$, $K = \pm 10\%$, $M = \pm 20\%$). --- ### 3. Construction and Internal Design The CTM3F-R68J is constructed using specific materials to ensure stability across temperature ranges: 1. **Core Material:** Usually a **phenolic** or **powdered iron** core depending on the frequency range. For 0.68 µH, it often utilizes a core optimized for high-frequency performance. 2. **Winding:** Fine copper wire wound precisely around the core. 3. **Encapsulation:** The internal assembly is molded in a flame-retardant epoxy resin. This protects the wire from moisture, oxidation, and mechanical vibration. --- ### 4. Common Applications Due to its high Q-factor and stable inductance, this part is commonly found in: * **RF Tuning Circuits:** Used in oscillators and filters. * **Decoupling:** Filtering out high-frequency noise in power supply lines. * **Telecommunications:** Signal shaping and impedance matching. * **EMI Suppression:** Reducing electromagnetic interference in sensitive electronics. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the CTM3F-R68J?
    • ⤷ How does the Q-factor affect the performance of this inductor in an RF circuit?
    • ⤷ What is the difference between a shielded and unshielded inductor like the CTM3F series?