Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTMC1008F-R012M

  • AI
    ### Analysis of CTMC1008F-R012M The **CTMC1008F-R012M** is a high-frequency, wire-wound surface mount (SMD) inductor. It is part of a series typically designed for high-performance communication equipment and high-frequency circuits. --- ### Technical Specifications The following table outlines the primary electrical and physical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Component Type** | Fixed Inductor (Wire-wound) | | **Inductance** | 0.012 µH (12 nH) | | **Tolerance** | ±20% (indicated by 'M') | | **Package Size** | 1008 (Metric 2520) | | **Dimensions** | 2.5mm x 2.0mm | | **Self-Resonant Frequency (SRF)** | Typically > 1000 MHz | | **DC Resistance (DCR)** | Low (specific to high-current designs) | | **Core Material** | Ceramic or Ferrite (depending on frequency tuning) | --- ### Part Number Breakdown Understanding the nomenclature helps in identifying the specific properties of the component: 1. **CTMC**: Series prefix (Commonly associated with Central Technologies molded/chip inductors). 2. **1008**: The physical size of the footprint (0.10 inches by 0.08 inches). 3. **F**: Lead-free / RoHS compliant designation. 4. **R012**: The inductance value. "R" acts as a decimal point ($0.012$ µH). 5. **M**: The tolerance code ($M = \pm 20\%$). --- ### Applications and Features #### Key Features * **Small Footprint:** The 1008 size is ideal for high-density PCB layouts. * **High Q Factor:** Excellent for maintaining signal integrity at high frequencies. * **Durability:** Molded or encapsulated construction provides environmental protection. #### Common Uses * **RF Circuits:** Used in impedance matching and frequency filtering. * **Telecommunications:** Mobile phones, Wi-Fi modules, and Bluetooth devices. * **Signal Processing:** High-speed data lines to suppress noise. ---
    ✨ Follow-up Questions
    • ⤷ What are the alternative tolerance codes for this inductor series?
    • ⤷ How does the SRF impact the performance of the 12nH inductor in RF circuits?
    • ⤷ What is the typical current rating (Irms) for the CTMC1008 series?