Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTMC1210-R68K

  • AI
    The **CTMC1210-R68K** is a surface-mount (SMD) molded chip inductor. It is part of the wire-wound inductor family, specifically designed for high-reliability applications and automated assembly. --- ## 1. Technical Specifications Below are the primary electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Part Number** | CTMC1210-R68K | | **Inductance** | 0.68 µH (Microhenries) | | **Tolerance** | ±10% (Indicated by 'K') | | **Case Size** | 1210 (EIA) / 3225 (Metric) | | **Test Frequency** | 25.2 MHz | | **DC Resistance (Max)** | ~0.45 Ω (Approx. depending on manufacturer) | | **Rated Current (Max)** | ~450 mA | | **Operating Temp** | -40°C to +105°C | --- ## 2. Part Number Breakdown Understanding the nomenclature helps in identifying variants: * **CTMC**: Series identifier (Molded Chip Inductor). * **1210**: The physical footprint (0.12 x 0.10 inches). * **R68**: The inductance value. "R" acts as a decimal point ($0.68$ µH). * **K**: The tolerance code ($\pm 10\%$). --- ## 3. Key Electronic Characteristics ### A. Construction The "Molded" design means the wire-wound coil is encapsulated in a hard plastic or resin body. This provides: * **Mechanical Strength:** Protection against physical impact and vibration. * **Environmental Resistance:** Protection against moisture and flux during the soldering process. ### B. Q Factor (Quality Factor) This inductor is optimized for a specific **Q factor** at high frequencies. A higher Q indicates lower energy loss relative to the energy stored, which is critical for resonant circuits and filters. ### C. Self-Resonant Frequency (SRF) Because it is a wire-wound component, it has parasitic capacitance. The SRF is the point where the inductor begins to behave like a capacitor. For a $0.68$ µH inductor, the SRF is typically very high (often $>200$ MHz), making it suitable for high-frequency RF applications. --- ## 4. Common Applications Due to its size and stability, the CTMC1210-R68K is frequently used in: 1. **Filtering:** Removing high-frequency noise from power supply lines. 2. **RF Circuits:** Impedance matching and signal tuning in communication devices. 3. **DC/DC Converters:** Small-scale energy storage for step-up or step-down voltage modules. 4. **Consumer Electronics:** Used in tablets, laptops, and smart meters where PCB space is at a premium. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a molded inductor and a multilayer inductor?
    • ⤷ How does the 'K' tolerance affect performance in a filter circuit?
    • ⤷ Can this inductor be used in automotive high-temperature environments?