Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTMC1210F-R033J

  • AI
    The **CTMC1210F-R033J** is a surface-mount (SMD) molded chip inductor typically manufactured by Central Technologies. It is designed for high-reliability applications requiring high current handling and stable inductance in a compact footprint. ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's specifications: | Segment | Meaning | Details | | :--- | :--- | :--- | | **CTMC** | Series | Molded Chip Inductor Series | | **1210** | Case Size | 1210 Imperial (3.2mm x 2.5mm) | | **F** | Lead-Free | RoHS Compliant / Lead-free termination | | **R033** | Inductance Value | 0.033 µH (33 nH) | | **J** | Tolerance | ±5% | --- ### 2. Technical Specifications This inductor is characterized by its low inductance value and high-frequency performance. | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.033 µH (33 nH) | | **Tolerance** | ±5% | | **Material** | Wire-wound with a molded resin body | | **Test Frequency** | Generally 1 MHz to 50 MHz (depending on datasheet version) | | **Operating Temp** | -40°C to +125°C | | **Package** | 3225 Metric (1210 Imperial) | --- ### 3. Key Features & Construction * **Molded Construction:** The "M" in CTMC indicates a molded design. This provides superior mechanical strength and protection against environmental factors like moisture and physical shock compared to open-wire inductors. * **High Self-Resonant Frequency (SRF):** Due to the low inductance (33nH), this part is capable of operating at very high frequencies without becoming capacitive. * **Solderability:** Features excellent solder heat resistance, making it compatible with both flow and reflow soldering processes. --- ### 4. Typical Applications The CTMC1210F-R033J is commonly found in circuits where high-frequency filtering or impedance matching is required: 1. **RF Circuits:** Used in high-frequency communication equipment for signal tuning. 2. **DC-DC Converters:** Acts as a filtering element in high-switching-frequency power supplies. 3. **EMI/RFI Suppression:** Filters high-frequency noise in sensitive electronic modules. 4. **Mobile Electronics:** Used in smartphones and tablets due to its small 1210 footprint. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irat) for the CTMC1210F-R033J?
    • ⤷ How does a molded inductor differ from a shielded power inductor?
    • ⤷ What are the equivalent alternative parts from manufacturers like TDK or Murata?