Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTMC1210F-R10M

  • AI
    The **CTMC1210F-R10M** is a high-frequency, surface-mount (SMD) molded chip inductor. It is commonly used in power management and signal filtering circuits where space is limited but high performance is required. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CTMC** | Series Type | Ceramic Core / Molded Chip Inductor | | **1210** | Case Size | Imperial size (approx. 3.2mm x 2.5mm) | | **F** | Lead-Free | RoHS compliant / Lead-free termination | | **R10** | Inductance Value | R10 denotes **0.10 µH** (100 nH) | | **M** | Tolerance | **±20%** tolerance range | --- ### 2. Key Specifications While exact values can vary slightly by manufacturer (such as Central Technologies), the typical electrical profile for this part is as follows: * **Inductance:** 0.10 µH * **Tolerance:** ±20% * **Test Frequency:** Usually 1.0 MHz or 25.2 MHz (depending on specific datasheet revision) * **DC Resistance (DCR):** Very low (typically < 0.20 Ω), minimizing power loss. * **Rated Current (Idc):** Generally high for its size (often between 450mA to 800mA). * **Operating Temperature:** -40°C to +125°C. --- ### 3. Construction & Features * **Molded Construction:** The internal coil is encapsulated in a molded plastic resin. This provides superior mechanical strength and resistance to environmental factors like moisture and vibration. * **Magnetic Shielding:** Many parts in this series are designed to minimize electromagnetic interference (EMI) with neighboring components. * **Solderability:** Features excellent solder heat resistance, making it suitable for flow or reflow soldering processes. --- ### 4. Common Applications Due to its low inductance and high-frequency capabilities, the CTMC1210F-R10M is typically found in: 1. **DC-DC Converters:** Used in voltage regulation modules for smartphones and laptops. 2. **Signal Filtering:** High-speed decoupling to remove noise from power lines. 3. **RF Circuits:** Impedance matching or frequency selection in communication devices.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the CTMC1210F series?
    • ⤷ How does the molded construction compare to wire-wound inductors?
    • ⤷ What is the maximum reflow temperature for this specific SMD package?