Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTMC1210F-R12M

  • AI
    The **CTMC1210F-R12M** is a surface-mount (SMD) wire-wound chip inductor designed for high-frequency and general-purpose filtering applications. It is part of the 1210 (3225 metric) series of molded chip inductors. --- ### 1. Key Technical Specifications The alphanumeric code "R12M" defines the primary electrical characteristics of the component. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.12 µH | "R12" indicates 0.12 microhenries. | | **Tolerance** | ±20% | "M" indicates a 20% tolerance range. | | **Package Size** | 1210 (EIA) | 3.2mm x 2.5mm (Metric 3225). | | **Material** | Ferrite Core | Provides high inductance in a small volume. | | **Structure** | Wire-wound / Molded | High reliability and mechanical strength. | --- ### 2. Electrical Performance Characteristics While specific values may vary slightly by manufacturer (Central Technologies is a common producer for this series), the general performance profile for a 0.12µH 1210 inductor is as follows: * **Test Frequency:** Typically measured at 25.2 MHz. * **Self-Resonant Frequency (SRF):** Usually very high (approx. 450-500 MHz), allowing it to work in RF circuits. * **DC Resistance (DCR):** Relatively low (approx. 0.20 - 0.40 Ohms), minimizing power loss. * **Rated Current:** Typically handles between 400mA and 550mA depending on the temperature rise. --- ### 3. Application Use Cases This component is commonly found in the following electronic circuits: 1. **RF Circuits:** Used for impedance matching and signal filtering in communication devices. 2. **Power Decoupling:** Helps filter out high-frequency noise from DC power lines to protect sensitive ICs. 3. **EMI Suppression:** Reduces electromagnetic interference in compact consumer electronics like tablets and cameras. 4. **Oscillators:** Acts as a frequency-determining element in LC tank circuits. --- ### 4. Component Marking Breakdown ```text CT MC 1210 F - R12 M | | | | | |_ Tolerance (M = ±20%) | | | | |____ Inductance (R12 = 0.12µH) | | | |_________ Lead-Free / RoHS Compliant | | |_____________ Case Size (1.2" x 1.0") | |_________________ Molded Chip Inductor |____________________ Manufacturer Prefix (e.g., Central Tech) ```
    ✨ Follow-up Questions
    • ⤷ What are the alternatives to a 20% tolerance (M) for this inductor series?
    • ⤷ How does the wire-wound construction compare to multilayer chip inductors?
    • ⤷ What is the maximum operating temperature for molded chip inductors?