Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTMC1812-R56M

  • AI
    The **CTMC1812-R56M** is a surface-mount (SMD) wire-wound chip inductor commonly used in radio frequency (RF) and power management circuits. It is part of the "Molded Chip Inductor" family, designed for high reliability and durability. --- ## 1. Technical Specifications The part number follows a standard coding convention that reveals its physical and electrical properties: | Parameter | Value | Details | | :--- | :--- | :--- | | **Inductance** | 0.56 µH | Identified by "R56" (R = decimal point) | | **Tolerance** | ±20% | Identified by the "M" suffix | | **Case Size** | 1812 (Imperial) | 4.5mm x 3.2mm (Metric: 4532) | | **DC Resistance (DCR)** | ~0.11 Ω (Max) | Affects heat dissipation and efficiency | | **Rated Current (Idc)** | ~450 mA | Maximum current before overheating | | **Self-Resonant Freq (SRF)** | ~250 MHz | The limit of its inductive behavior | --- ## 2. Component Construction The CTMC1812 series is engineered for harsh environments: * **Molded Body:** The internal wire coil is encapsulated in a flame-retardant epoxy resin. This protects the wire from physical damage and oxidation. * **Wire-Wound Core:** Uses a ferrite core to concentrate magnetic flux, allowing for higher inductance values in a small footprint compared to multilayer types. * **Terminations:** Features solder-plated end-caps (usually Tin over Nickel) for excellent solderability and resistance to leaching. --- ## 3. Typical Applications Because of its high SRF (Self-Resonant Frequency) and stable inductance, it is frequently found in: 1. **RF Filtering:** Used in wireless communication devices to block high-frequency noise while allowing DC power through. 2. **Power Decoupling:** Placed near ICs to smooth out current ripples and prevent electrical noise from spreading across the PCB. 3. **Signal Processing:** Integrated into oscillators and impedance matching networks. --- ## 4. Key Advantages * **High Q-Factor:** Low energy loss at high frequencies. * **Mechanical Strength:** The molded structure provides superior resistance to shock, vibration, and thermal cycling compared to "open" wire-wound inductors. * **Wide Temperature Range:** Typically rated for operation between **-40°C to +125°C**.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a molded inductor and a multilayer inductor?
    • ⤷ How does the 'R56M' code change if the tolerance is ±10%?
    • ⤷ Can this inductor be used in high-speed data line filtering?