Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTML0603F-R10K

  • AI
    The **CTML0603F-R10K** is a surface-mount multilayer chip inductor. This component is commonly used in high-frequency circuits for filtering, decoupling, and impedance matching. Below is a detailed breakdown of its electronic specifications and characteristics. ### 1. Technical Specifications The part number follows a standard naming convention that defines its physical and electrical properties. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.10 µH (100 nH) | The nominal inductance value. | | **Tolerance** | ±10% | Indicated by the "K" suffix. | | **Case Size** | 0603 (EIA) | Metric 1608 (1.6mm x 0.8mm). | | **Max DC Resistance (DCR)** | ~0.30 Ω | Resistance offered to direct current. | | **Rated Current** | ~200 - 300 mA | Maximum current before saturation or overheating. | | **SRF (Min)** | >250 MHz | Self-Resonant Frequency. | | **Material** | Ferrite | Multilayer ferrite construction for magnetic shielding. | --- ### 2. Key Features * **Multilayer Technology:** Unlike wire-wound inductors, these are constructed by layering conductive paste and ferrite material, resulting in a compact, monolithic structure. * **Magnetic Shielding:** The closed magnetic circuit minimizes crosstalk and electromagnetic interference (EMI) with surrounding components. * **High Reliability:** The solid construction provides excellent solderability and resistance to mechanical shock. * **Miniaturization:** The 0603 footprint is ideal for high-density PCB designs (smartphones, wearables). --- ### 3. Applications Inductors like the CTML0603F-R10K are typically utilized in the following scenarios: 1. **Noise Suppression:** Used in power lines and signal lines to filter out high-frequency noise. 2. **RF Circuits:** Impedance matching in wireless communication modules (Bluetooth, Wi-Fi). 3. **DC-DC Converters:** Small-scale energy storage and smoothing in low-power voltage regulators. 4. **Signal Integrity:** Preventing signal distortion in high-speed data lines. --- ### 4. Part Number Decoder Understanding the "CTML0603F-R10K" string: | Segment | Meaning | | :--- | :--- | | **CTML** | Series: Ceramic/Ferrite Multilayer Inductor | | **0603** | Size: 0.06 x 0.03 inches | | **F** | Material/Process code (Lead-Free/RoHS compliant) | | **R10** | Value: R denotes decimal point (R10 = 0.10 µH) | | **K** | Tolerance: K = ±10% |
    ✨ Follow-up Questions
    • ⤷ How does the Q-factor of a multilayer inductor compare to a wire-wound inductor?
    • ⤷ What are the thermal limitations when operating this inductor near its rated current?
    • ⤷ Can this component be used in high-power automotive applications?