Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTML0603F-R10M

  • AI
    The **CTML0603F-R10M** is a high-frequency multilayer chip inductor. It is designed for use in compact electronic circuits where space is limited and surface-mount technology (SMT) is required. ### 1. Part Number Breakdown Understanding the nomenclature helps identify its physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CTML** | Series | Multilayer Chip Inductor Series | | **0603** | Case Size | Imperial size 0603 (approx. 1.6mm x 0.8mm) | | **F** | Lead-Free | RoHS Compliant/Lead-Free termination | | **R10** | Inductance | 0.10 µH (Microhenries) | | **M** | Tolerance | ±20% | --- ### 2. Key Technical Specifications While exact values can vary slightly by manufacturer (commonly Central Technologies), the standard specifications for this part are: * **Inductance:** 0.10 µH * **Tolerance:** ±20% * **Test Frequency:** Typically 25 MHz * **DC Resistance (DCR):** Low resistance (usually < 0.30 Ω) to minimize power loss. * **Rated Current:** Usually ranges between 200mA to 300mA. * **Self-Resonant Frequency (SRF):** High frequency (typically > 200 MHz), making it suitable for RF applications. * **Operating Temperature:** -55°C to +125°C. --- ### 3. Construction and Features * **Multilayer Technology:** Unlike wire-wound inductors, these are created by layering ceramic material and conductive paste. This results in a solid, monolithic structure. * **Magnetic Shielding:** The closed magnetic circuit minimizes crosstalk and electromagnetic interference (EMI) with surrounding components. * **High Reliability:** Excellent solderability and heat resistance for reflow soldering processes. --- ### 4. Typical Applications The CTML0603F-R10M is commonly found in: 1. **Mobile Devices:** Cell phones, tablets, and wearable tech. 2. **High-Frequency Communication:** Local Area Networks (LANs) and RF modules. 3. **EMI Suppression:** Filtering high-frequency noise in power supply lines. 4. **Impedance Matching:** Used in the signal paths of wireless transceivers. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a multilayer inductor and a wire-wound inductor?
    • ⤷ How do I interpret the 'R' in the inductance code R10?
    • ⤷ What are the physical dimensions of an 0603 metric vs imperial package?