Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTML0603F-R12K

  • AI
    The **CTML0603F-R12K** is a surface-mount multilayer chip inductor designed for high-frequency signal conditioning and general-purpose filtering applications. --- ### 1. General Specifications The part number can be broken down to understand its electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | CTML | Multilayer Chip Inductor | | **Case Size** | 0603 | 0.06 x 0.03 inches (1.6 x 0.8 mm) | | **Inductance** | 0.12 µH (R12) | 120 Nanohenries (nH) | | **Tolerance** | ±10% (K) | Permissible deviation from nominal value | | **Material** | Ferrite | High-density ceramic/ferrite structure | ### 2. Electrical Performance Inductors of this type are characterized by several critical performance metrics: * **Self-Resonant Frequency (SRF):** Typically high, allowing the component to remain inductive into the several hundred MHz range. * **DC Resistance (DCR):** Lower resistance ensures minimal power loss and heat generation. * **Rated Current:** The maximum current it can carry before the temperature rises significantly or the core saturates. * **Quality Factor (Q):** Represents the efficiency of the inductor; multilayer types usually offer a moderate Q suitable for filtering. ### 3. Key Features and Applications The CTML series is known for its monolithic structure, which provides high reliability and magnetic shielding. #### Key Features: * **Magnetic Shielding:** The multilayer construction minimizes electromagnetic interference (EMI) and crosstalk with adjacent components. * **Solderability:** Features nickel barrier terminations with a tin overcoat, making it ideal for flow and reflow soldering. * **Compact Size:** The 0603 footprint is a standard for high-density PCB designs. #### Typical Applications: 1. **Noise Suppression:** Used in power supply lines to filter high-frequency noise. 2. **RF Circuits:** Matching networks and signal isolation in communication devices. 3. **Consumer Electronics:** Found in mobile phones, tablets, and wearable tech where space is limited. --- ### 4. Comparison with Wire-wound Inductors Compared to wire-wound inductors, the **CTML0603F-R12K** offers: * **Pros:** Smaller physical size, lower cost, and better magnetic shielding. * **Cons:** Lower current handling and generally lower Q-factors compared to large wire-wound alternatives.
    ✨ Follow-up Questions
    • ⤷What is the maximum rated current for the CTML0603F-R12K?
    • ⤷ How does the ferrite material affect the frequency response compared to ceramic cores?
    • ⤷ What are the recommended storage conditions for multilayer chip inductors?