Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTML0603F-R22K

  • AI
    The **CTML0603F-R22K** is a surface-mount multilayer chip inductor. It is designed for high-density mounting in electronic circuits, providing inductance in a very small form factor. --- ### 1. Key Technical Specifications The part number follows a standardized coding system. Here is the breakdown of its electrical and physical properties: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.22 µH (220 nH) | The nominal inductance value (R22). | | **Tolerance** | ±10% | Indicated by the suffix 'K'. | | **Case Size** | 0603 (EIA) / 1608 (Metric) | Dimensions: 1.6mm x 0.8mm. | | **Structure** | Multilayer | Ferrite-based layered construction. | | **Termination** | Sn (Tin) | Lead-free, RoHS compliant plating. | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying equivalent parts: * **CTML**: Series Prefix (Ceramic/Ferrite Multilayer Inductor). * **0603**: Package size (0.06 x 0.03 inches). * **F**: Likely indicates the material type (Ferrite) or RoHS compliance depending on the specific manufacturer (e.g., Central Technologies). * **R22**: Inductance value code (R acts as a decimal point, 0.22). * **K**: Tolerance code (K = ±10%, M = ±20%, J = ±5%). --- ### 3. Core Features and Applications The CTML series is engineered for general-purpose high-frequency applications. #### Features * **Magnetic Shielding**: The multilayer structure provides a closed magnetic circuit, minimizing crosstalk and electromagnetic interference (EMI). * **High Reliability**: No external windings; the coil is embedded within the ceramic/ferrite body. * **Solderability**: Excellent heat resistance for wave or reflow soldering. #### Typical Applications 1. **Mobile Electronics**: Smartphones and tablets for power line noise suppression. 2. **Computer Peripherals**: Used in motherboards and storage drives. 3. **RF Circuits**: Matching and resonance in communication modules. 4. **DC-DC Converters**: Low-current filtering and decoupling. --- ### 4. Handling and Storage Since this is a sensitive SMD component: * **Moisture Sensitivity**: Generally rated at MSL 1 (unlimited floor life), but check specific manufacturer datasheets. * **Mechanical Stress**: Being ceramic-based, it is brittle. Avoid board flexing near the component to prevent "crater" cracks.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Idc) for the CTML0603F-R22K?
    • ⤷ How does a multilayer inductor differ from a wire-wound inductor?
    • ⤷ Can this part be used for high-speed EMI filtering?