CTML0603F-R56M
AI

The **CTML0603F-R56M** is a Surface Mount Device (SMD) multilayer chip inductor. It is commonly used in high-density circuit designs for high-frequency filtering and decoupling.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The part number follows a standard naming convention that reveals its physical and electrical properties.
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Multilayer Chip Inductor |
| **Package Size (EIA)** | 0603 (1.6mm x 0.8mm) |
| **Inductance Value** | 0.56 µH (Microhenries) |
| **Tolerance** | ±20% (Indicated by 'M') |
| **Core Material** | Ferrite |
| **Termination** | Standard Lead-free (RoHS Compliant) |
---
### 2. Electrical Characteristics
These values define how the inductor performs under electrical load.
* **Inductance (L):** 0.56 µH. This value is typically measured at a specific test frequency (usually 25 MHz).
* **DC Resistance (DCR):** Usually ranges between **0.40Ω to 0.70Ω**. Lower DCR is preferred to minimize power loss as heat.
* **Rated Current (Idc):** Generally rated between **100mA and 250mA**. Exceeding this current can lead to core saturation or overheating.
* **Self-Resonant Frequency (SRF):** Typically above **100 MHz**. Operating the inductor near or above this frequency causes it to behave like a capacitor.
* **Quality Factor (Q):** Usually has a minimum value (e.g., Q > 15-20) at the test frequency, indicating efficiency.
---
### 3. Key Features and Applications
The multilayer construction offers a magnetic shield, preventing interference with surrounding components.
#### **Main Features**
* **Magnetic Shielding:** The closed magnetic circuit prevents crosstalk and Electromagnetic Interference (EMI).
* **High Reliability:** No wire-wound structure means it is less prone to mechanical failure under vibration.
* **Solderability:** Features nickel barrier terminations for excellent solder heat resistance.
#### **Common Applications**
1. **Mobile Electronics:** Smartphones and tablets for power line filtering.
2. **Signal Processing:** High-frequency noise suppression in I/O lines.
3. **Power Management:** Used in small DC-DC converter circuits to smooth output current.
4. **Audio/Video:** Decoupling in sensitive analog circuits.
---
### 4. Part Number Decoding
`CTML` `0603` `F` `-` `R56` `M`
* **CTML:** Series Code (Multilayer Chip Inductor).
* **0603:** Case size (0.06 x 0.03 inches).
* **F:** Ferrite core material.
* **R56:** Inductance value ($R$ acts as a decimal, so $0.56$ µH).
* **M:** Tolerance code ($\pm 20\%$).
- ⤷
What is the maximum operating temperature for the CTML0603 series?
- ⤷ How does this inductor compare to a wire-wound inductor of the same value?
- ⤷ What are the suggested footprints for PCB soldering of 0603 components?