Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTML0603F-R68M

  • AI
    The **CTML0603F-R68M** is a surface-mount multilayer chip inductor. This component is commonly used in high-frequency circuits and power management modules for mobile devices, telecommunications, and consumer electronics. Below is a detailed breakdown of its specifications and electronic characteristics. --- ## 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical constraints: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **CTML** | Series | Ceramic/Ferrite Multilayer Inductor | | **0603** | Case Size | Imperial size (0.06 x 0.03 inches / 1.6 x 0.8 mm) | | **F** | Lead-Free | RoHS compliant / Environmental standard | | **R68** | Inductance Value | **0.68 µH** (R denotes decimal point) | | **M** | Tolerance | **±20%** | --- ## 2. Technical Specifications The electrical behavior of this inductor is defined by the following parameters: * **Inductance:** 0.68 µH (Microhenries). * **DC Resistance (DCR):** Usually ranges between 0.30Ω and 0.60Ω (Check specific manufacturer datasheet for exact max value). Lower DCR is preferred for efficiency. * **Rated Current:** Typically in the range of **100mA to 300mA**. Exceeding this causes heat and magnetic saturation. * **Self-Resonant Frequency (SRF):** High SRF (typically >100 MHz) ensures the part behaves like an inductor and not a capacitor at the operating frequency. * **Quality Factor (Q):** Measures the efficiency of the inductor; usually tested at 25MHz for this value range. --- ## 3. Key Electronic Characteristics ### A. Multilayer Construction Unlike wire-wound inductors, the CTML series uses a **multilayer process** where conductive pastes are printed on ceramic or ferrite layers and fired together. * **Benefit:** Excellent magnetic shielding (low EMI), high reliability, and a compact footprint. * **Trade-off:** Generally lower current handling compared to wire-wound types. ### B. Magnetic Shielding The closed magnetic circuit design minimizes leakage flux. This allows components to be placed closer together on a PCB without causing electromagnetic interference (EMI) with neighboring traces. ### C. Frequency Performance This specific value (0.68µH) is often used for: 1. **Filtering:** Removing high-frequency noise from DC lines. 2. **Impedance Matching:** In RF signal paths. 3. **Decoupling:** Preventing noise from one circuit section from affecting another. --- ## 4. Application Summary * **Mobile Devices:** Power lines for smartphones and tablets. * **Communication:** Bluetooth modules and WLAN cards. * **Computing:** Local Area Networks (LAN) and peripheral I/O ports.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this multilayer inductor and a wire-wound inductor of the same value?
    • ⤷ Can the CTML0603F-R68M be used in high-power DC-DC converters?
    • ⤷ How does the tolerance 'M' affect circuit performance compared to 'K' tolerance?