Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTML0805F-R068M

  • AI
    The **CTML0805F-R068M** is a surface-mount multi-layer chip inductor. These components are essential in modern electronics for filtering, decoupling, and high-frequency applications where space is at a premium. ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CTML** | Series | Multi-layer Chip Inductor (Ferrite material) | | **0805** | Case Size | Dimensions: 0.08 x 0.05 inches (2.0 x 1.25 mm) | | **F** | Lead-Free | RoHs compliant/Lead-free termination | | **R068** | Inductance | **0.068 µH** (68 nH) | | **M** | Tolerance | **±20%** | --- ### 2. Key Technical Specifications Based on standard manufacturer data (such as Central Technologies), here are the typical electrical parameters for this specific part: * **Inductance:** 0.068 µH (68 nH) * **Test Frequency:** Typically 25 MHz to 50 MHz. * **DC Resistance (DCR):** Low (typically < 0.20 Ω), minimizing power loss. * **Rated Current (Idc):** Usually ranges between 200mA and 300mA. * **Self-Resonant Frequency (SRF):** High (typically > 300 MHz), making it suitable for high-frequency circuits. * **Operating Temperature:** -55°C to +125°C. --- ### 3. Construction and Material The "ML" in the prefix stands for **Multi-layer**. * **Structure:** It is constructed by layering ferrite paste and internal electrode paste (usually silver) and then firing them together into a monolithic structure. * **Benefits:** This design provides excellent magnetic shielding, meaning it creates less electromagnetic interference (EMI) with surrounding components compared to wire-wound inductors. --- ### 4. Common Applications Due to its small 0805 footprint and inductance value, this part is commonly used in: 1. **Noise Suppression:** Filtering high-frequency noise in power supply lines. 2. **Impedance Matching:** Used in RF circuits to ensure maximum power transfer. 3. **Decoupling:** Preventing digital noise from traveling between different sections of a PCB. 4. **Consumer Electronics:** Found in smartphones, tablets, and wearable devices where PCB real estate is limited. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a multi-layer inductor and a wire-wound inductor?
    • ⤷ How do I interpret the 'R' in the R068 inductance value?
    • ⤷ Can this component be used in high-power applications?