Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTML0805F-R27K

  • AI
    The **CTML0805F-R27K** is a surface-mount multilayer chip inductor. This specific component is widely used in high-frequency circuits for noise filtering, signal shaping, and impedance matching. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's specifications: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **CTML** | Series | Multilayer Chip Inductor (Ferrite Core) | | **0805** | Case Size | 0.08 x 0.05 inches (2.0 x 1.25 mm) | | **F** | Lead-Free | RoHS Compliant / Green Material | | **R27** | Inductance Value | 0.27 µH (Microhenries) | | **K** | Tolerance | ±10% | --- ### 2. Technical Specifications The electrical characteristics are critical for determining circuit compatibility: * **Inductance:** 0.27 µH * **Tolerance:** ±10% (K-grade) * **Material:** Ferrite construction (Multilayer) * **Operating Temperature:** Typically -55°C to +125°C * **Termination:** Standard Tin (Sn) over Nickel (Ni) barrier to prevent leaching during soldering. --- ### 3. Key Physical Features As a multilayer inductor, it differs from wire-wound inductors in several ways: 1. **Monolithic Structure:** The coil is printed on ferrite layers and sintered into a single block, making it highly reliable and physically robust. 2. **Magnetic Shielding:** The closed magnetic circuit design minimizes EMI (Electromagnetic Interference) and prevents crosstalk with neighboring components. 3. **Miniaturization:** The 0805 footprint is ideal for high-density PCB layouts in portable electronics. --- ### 4. Typical Applications The CTML0805F-R27K is generally used in low-to-medium power scenarios: * **Resonance Circuits:** Used in oscillators and tuning circuits. * **EMI Suppression:** Filtering high-frequency noise in data lines. * **Power Decoupling:** Preventing noise from spreading between different stages of a DC power supply. * **Consumer Electronics:** Found in smartphones, tablets, and computer motherboards. --- ### 5. Land Pattern (Footprint) For PCB design, use the standard 0805 (Metric 2012) land pattern: ```text [ 2.0mm ] +-----------+ --- | (Pad 1) | 1.25mm +-----------+ --- ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum DC current rating for the CTML0805F series?
    • ⤷ How does a ferrite multilayer inductor compare to a wire-wound inductor?
    • ⤷ Can this part be used in automotive applications?