Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTML0805F-R27M

  • AI
    The **CTML0805F-R27M** is a surface-mount multilayer chip inductor designed for high-frequency and general-purpose filtering applications. It belongs to the CTML (Chip Trans-Inductor Multilayer) series, characterized by its compact 0805 footprint. ### 1. Key Technical Specifications The part number can be decoded to understand its specific electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.27 µH (denoted by "R27") | | **Tolerance** | ±20% (denoted by "M") | | **Case Size** | 0805 (2.0mm x 1.25mm) | | **Material** | Ferrite Core | | **Termination** | Solder-plated (standard for SMT) | --- ### 2. Component Characteristics The CTML series utilizes a multilayer process that integrates internal electrodes within a ceramic/ferrite body, offering several advantages over wire-wound inductors: * **Magnetic Shielding:** The closed magnetic circuit structure minimizes electromagnetic interference (EMI) and crosstalk between components. * **High Reliability:** No exposed wires to break or short, making it suitable for high-density PCB designs. * **Compactness:** Provides high inductance values relative to its physical volume. * **Operating Temperature:** Typically ranges from **-55°C to +125°C**, making it robust for industrial use. --- ### 3. Applications and Use Cases This specific inductor (0.27 µH) is commonly used in high-frequency circuits where small signal integrity is critical. * **Power Supplies:** Used in DC-DC converters for low-power ripple filtering. * **Communication Devices:** Found in mobile phones, Wi-Fi modules, and Bluetooth circuits for impedance matching. * **EMI Suppression:** Filtering high-frequency noise in digital signal lines to prevent interference with sensitive analog components. * **Consumer Electronics:** General decoupling in laptops, tablets, and smart devices. --- ### 4. Part Number Breakdown Understanding the nomenclature helps in sourcing or finding equivalents: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **CTML** | Series | Multilayer Chip Inductor | | **0805** | Size | 0.08 x 0.05 inches (2.0 x 1.25 mm) | | **F** | Material | Ferrite Base | | **R27** | Value | 0.27 Microhenries (µH) | | **M** | Tolerance | ±20% |
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating (Imax) for this specific inductor?
    • ⤷ How does a ferrite core inductor differ from a ceramic core inductor in high-frequency applications?
    • ⤷ Can this part be used in automotive-grade designs?