Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTML1206-R33K

  • AI
    The **CTML1206-R33K** is a specific electronic component belonging to the family of **Surface Mount Device (SMD) Multilayer Chip Inductors**. Below is a detailed breakdown of its specifications, naming convention, and technical characteristics. --- ## 1. Technical Specifications The part number encodes the primary electrical and physical characteristics. Here is the summary: | Parameter | Value | Description | | :--- | :--- | :--- | | **Inductance** | 0.33 µH | The nominal inductance value. | | **Tolerance** | ±10% | The allowable deviation from the nominal value (K). | | **Case Size** | 1206 (EIA) | Physical dimensions (approx. 3.2mm x 1.6mm). | | **Construction** | Multilayer | Ferrite layers with internal coils. | | **Material** | Ferrite | Standard magnetic material for power and signal. | --- ## 2. Deciphering the Part Number (Nomenclature) To understand this component, we can break down the manufacturer code: * **CTML**: Series designation (Cal-Chip Multilayer Inductor). * **1206**: The package size (Length 0.12" x Width 0.06"). * **R33**: The inductance value. The "R" acts as a decimal point ($0.33\mu H$). * **K**: The tolerance code ($\pm10\%$). --- ## 3. Key Electronic Characteristics ### A. Magnetic Shielding Because it is a **multilayer** chip inductor, the magnetic flux is contained within the body. This is a "self-shielded" design, which minimizes Electromagnetic Interference (EMI) and prevents cross-talk between components on a densely packed PCB. ### B. High Reliability The monolithically integrated structure provides higher reliability than traditional wire-wound inductors because there are no external wires that can break or short-circuit under vibration. ### C. Frequency Performance The 1206 0.33µH inductor is typically used for: * **SRF (Self-Resonant Frequency):** Usually in the range of 100MHz to 250MHz. * **Q-Factor:** Provides moderate quality factor, suitable for signal decoupling. --- ## 4. Common Applications These parts are ubiquitous in modern electronics due to their small footprint and shielding. 1. **Filtering & Decoupling:** Used in power supply lines to filter out high-frequency noise. 2. **Signal Processing:** Shaping signals in telecommunication equipment. 3. **DC-DC Converters:** Small-scale energy storage in portable electronics (smartphones, tablets). 4. **Computer Peripherals:** Used on motherboards for CPU and RAM power rails. --- ## 5. Comparison: Ferrite vs. Ceramic The CTML series generally uses a **ferrite** core. * **Ferrite (This Part):** Better for power applications and low-frequency filtering because it provides higher inductance in a smaller package. * **Ceramic (Alternative):** Better for high-frequency RF applications (GHz range) but offers much lower inductance values.
    ✨ Follow-up Questions
    • ⤷ How does a 1206 package size compare to 0805 or 0603 in terms of current handling?
    • ⤷ What is the typical Self-Resonant Frequency (SRF) for a 0.33uH multilayer inductor?
    • ⤷ What are the common failure modes for multilayer chip inductors in power circuits?