Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTML1206F-R10K

  • AI
    The **CTML1206F-R10K** is a surface-mount multilayer chip inductor. It is designed for use in high-density circuits where space is limited and electromagnetic interference (EMI) needs to be minimized. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's physical and electrical characteristics: | Code | Meaning | Description | | :--- | :--- | :--- | | **CTML** | Series | Multilayer Chip Inductor | | **1206** | Case Size | 3.2mm x 1.6mm (Length x Width) | | **F** | Lead-Free | RoHS compliant / Lead-free termination | | **R10** | Inductance | 0.10 Microhenries ($\mu H$) | | **K** | Tolerance | $\pm 10\%$ | --- ### 2. Key Specifications These inductors are typically characterized by their material composition and performance metrics. * **Inductance:** $0.10 \mu H$ ($100 nH$). * **DC Resistance (DCR):** Usually very low, typically around $0.20 \Omega$ to $0.50 \Omega$ depending on the specific manufacturer's revision. * **Rated Current:** Generally between $200mA$ and $500mA$. * **Operating Temperature:** Typically $-55^\circ C$ to $+125^\circ C$. * **Core Material:** Ferrite. --- ### 3. Construction and Features The "Multilayer" aspect refers to the internal architecture of the part: * **Monolithic Structure:** It consists of alternating layers of ferrite paste and silver conductive patterns, fired into a single ceramic block. * **Magnetic Shielding:** Because the magnetic flux is contained within the body, these inductors offer excellent self-shielding, meaning they do not interfere with neighboring components. * **No Crosstalk:** Ideal for high-density PCB layouts where components are packed closely together. * **High Reliability:** The solid construction makes them highly resistant to mechanical shock and vibration. --- ### 4. Common Applications Due to its small size and shielded nature, the CTML1206F-R10K is used in: 1. **Noise Suppression:** Filtering high-frequency noise in DC power lines. 2. **Mobile Electronics:** Smartphones, tablets, and laptops. 3. **Communication Equipment:** Bluetooth modules, Wi-Fi cards, and RF circuits. 4. **Signal Conditioning:** Used in circuits to prevent signal distortion by filtering out electromagnetic interference.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a multilayer inductor and a wire-wound inductor?
    • ⤷ How does the '1206' package size compare to '0805' or '0603' in terms of power handling?
    • ⤷ Can this inductor be used in high-frequency RF power amplifiers?