Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTML1206F-R15M

  • AI
    The **CTML1206F-R15M** is a surface-mount multilayer chip inductor. It is commonly used in high-frequency circuits for signal conditioning, EMI suppression, and impedance matching. Below is a detailed breakdown of its electronic specifications and characteristics. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical properties: | Segment | Meaning | Details | | :--- | :--- | :--- | | **CTML** | Series Type | Multilayer Chip Inductor (Ferrite Core) | | **1206** | Case Size | 3.2mm x 1.6mm (Imperial 1206) | | **F** | Lead-Free | RoHS Compliant / Green Material | | **R15** | Inductance Value | **0.15 µH** (R denotes the decimal point) | | **M** | Tolerance | **±20%** | --- ### 2. Technical Specifications The electrical behavior of this component is defined by the following parameters: * **Inductance:** 0.15 µH (Microhenries). * **DC Resistance (DCR):** Typically low (approx. 0.30 - 0.50 Ω max), minimizing power loss as heat. * **Rated Current (Idc):** The maximum current the inductor can handle before reaching a specific temperature rise (usually around 200-300 mA for this size/value). * **Self-Resonant Frequency (SRF):** Usually above 250 MHz, defining the upper limit of its inductive behavior. * **Operating Temperature:** Generally rated from -55°C to +125°C. --- ### 3. Construction and Material * **Core Material:** Ferrite. This provides high magnetic permeability while maintaining a compact size. * **Multilayer Technology:** Unlike wire-wound inductors, this is built by layering conductive pastes and ceramic/ferrite materials. This results in a magnetically shielded structure, reducing electromagnetic interference (EMI) with neighboring components. * **Terminations:** Usually silver (Ag) with a nickel (Ni) barrier and a tin (Sn) plating layer to ensure excellent solderability and prevent leaching during reflow. --- ### 4. Typical Applications The CTML1206F-R15M is frequently found in: 1. **Mobile Electronics:** Power management and signal filtering in smartphones and tablets. 2. **EMI Suppression:** Used as a low-pass filter to block high-frequency noise in data lines. 3. **RF Circuits:** Matching networks for Bluetooth or Wi-Fi modules where small-signal inductance is required. 4. **Decoupling:** Filtering noise from DC power supply rails to sensitive ICs. --- ### 5. Comparison: Multilayer vs. Wire-Wound | Feature | Multilayer (CTML) | Wire-Wound | | :--- | :--- | :--- | | **Size** | Very Compact | Larger | | **Shielding** | Inherently Shielded | Requires external shielding | | **Current Handling**| Lower | Higher | | **Cost** | Generally Lower | Generally Higher | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R15 and 1R5 inductance codes?
    • ⤷ How does the ferrite core affect the inductor's performance at high frequencies?
    • ⤷ Can this inductor be used in high-power switching regulators?