Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTS1F-R10J

  • AI
    The **CTS1F-R10J** is a specific model of an electronic component known as a **Fixed Inductor** (specifically a Conformal Coated Axial Inductor). It is manufactured by companies like Central Technologies. --- ### 1. Part Number Breakdown To understand the component, we can deconstruct the part number: | Segment | Code | Meaning | | :--- | :--- | :--- | | **Series** | `CTS1F` | Conformal Coated Axial Lead Inductor | | **Inductance** | `R10` | 0.10 µH (Microhenries) | | **Tolerance** | `J` | ±5% | --- ### 2. Technical Specifications This component is commonly used in RF (Radio Frequency) and general-purpose filtering applications. * **Inductance:** 0.10 µH * **Tolerance:** ±5% (indicated by the 'J') * **Form Factor:** Axial leaded (cylindrical body with wires extending from each end). * **Core Material:** Typically Phenolic or Ferrite depending on the specific frequency range. * **Coating:** Epoxy or conformal coating for environmental protection and insulation. --- ### 3. Key Characteristics and Applications #### Characteristics: * **High Q Factor:** Designed to have low energy loss in resonant circuits. * **Small Footprint:** The axial design allows for mounting on PCBs similar to a standard resistor. * **Stability:** The "F" in the series often denotes a design intended for stability across temperature ranges. #### Common Applications: 1. **RF Coupling/Decoupling:** Used to block high-frequency noise while allowing DC to pass. 2. **Filter Circuits:** Used in Low Pass, High Pass, or Band Pass filters. 3. **Oscillators:** Acts as a frequency-determining element in LC circuits. 4. **Signal Conditioning:** Smoothing out ripples in power lines or signal paths. --- ### 4. Comparison with Similar Parts | Feature | CTS1F-R10J | CTS1F-1R0J | | :--- | :--- | :--- | | **Inductance Value** | **0.10 µH** | **1.0 µH** | | **Typical DC Resistance** | Very Low | Moderate | | **Self-Resonant Frequency** | High | Medium |
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the CTS1F series?
    • ⤷ How do I identify the color bands on an axial inductor like the R10J?
    • ⤷ What are the soldering temperature precautions for conformal coated inductors?