Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTS1F-R10K

  • AI
    ## Technical Overview of CTS1F-R10K The **CTS1F-R10K** is a specific type of **Fixed Inductor** (specifically a Conformal Coated Axial Inductor) manufactured by Central Technologies. It is designed for use in electronic circuits requiring frequency filtering, energy storage, or signal decoupling. --- ### 1. Key Specifications The following table highlights the primary electrical characteristics of the component: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.10 µH (Microhenries) | | **Tolerance** | ±10% (Indicated by 'K') | | **Current Rating (Max)** | 1350 mA (1.35 A) | | **DC Resistance (Max)** | 0.08 Ohms | | **Self-Resonant Frequency** | 680 MHz | | **Q Factor (Min)** | 35 | | **Form Factor** | Axial Leaded (Through-hole) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the component's physical and electrical traits: * **CTS1F**: Series designation (Conformal Coated, Axial Inductor). * **R10**: The inductance value. "R" acts as the decimal point (R10 = 0.10). * **K**: The tolerance code. "K" represents a ±10% variation. --- ### 3. Physical Construction * **Core Material:** Typically uses a Phenolic or Ferrite core depending on the specific frequency range. * **Coating:** Encapsulated in a flame-retardant epoxy (conformal coating) to protect against environmental factors like moisture and dust. * **Leads:** Tin-plated copper leads for easy soldering into Through-Hole Technology (THT) PCBs. --- ### 4. Typical Applications The CTS1F-R10K is commonly used in: 1. **RF Circuits:** Due to its high self-resonant frequency, it is effective in radio frequency applications. 2. **Decoupling:** Filtering high-frequency noise from power supply lines. 3. **Signal Conditioning:** Used in filters to block or pass specific frequency ranges. 4. **Consumer Electronics:** Found in TVs, communication equipment, and power supplies. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ferrite core and a phenolic core inductor?
    • ⤷ How do I calculate the voltage drop across this inductor at its maximum current?
    • ⤷ What are the SMD equivalents for this axial inductor?