Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTS1F-R22J

  • AI
    The **CTS1F-R22J** is a high-reliability shielded radial leaded inductor commonly used in noise filtering and energy storage applications. It is manufactured by companies like **Central Technologies**. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 0.22 µH (Microhenries) | | **Tolerance** | ±5% (indicated by the 'J' suffix) | | **Type** | Shielded Radial Choke | | **Core Material** | Ferrite | | **Operating Temperature** | -55°C to +125°C | --- ## 2. Part Number Breakdown To understand the electronic capabilities, we can deconstruct the code: 1. **CTS1F**: Series designation (Shielded Radial Inductor, small form factor). 2. **R22**: The inductance value. "R" acts as a decimal point. $R22 = 0.22$ µH. 3. **J**: Tolerance code. $J = \pm 5\%$. (Other common codes include K=10%, M=20%). --- ## 3. Key Electronic Features * **Shielding:** The "Shielded" construction means the magnetic field is contained within the component. This is critical for high-density PCB designs to prevent **Electromagnetic Interference (EMI)** with neighboring components. * **Radial Leaded:** Unlike Surface Mount Devices (SMD), this part has "legs" (leads) that go through holes in the PCB. This provides a stronger mechanical bond, making it suitable for environments with high vibration. * **High Q Factor:** These inductors are designed to have low losses at high frequencies, making them efficient for signal processing. --- ## 4. Common Applications Due to its low inductance (0.22 µH), this part is typically used in high-frequency circuits: * **Decoupling:** Filtering out high-frequency noise from power supply lines. * **RF Circuits:** Used in oscillators and high-frequency signal filters. * **DC/DC Converters:** Acts as a small energy storage element in compact power modules. * **EMI/RFI Suppression:** Protecting sensitive electronics from radio frequency interference. ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the CTS1F series?
    • ⤷ What is the maximum current rating (Irms) for this specific inductor?
    • ⤷ How does a shielded inductor compare to a non-shielded one in terms of performance?