Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTS1F-R39J

  • AI
    ## Technical Overview of CTS1F-R39J The **CTS1F-R39J** is a high-reliability electronic component, specifically an **axial leaded molded inductor**. These components are widely used for filtering, decoupling, and energy storage in various electronic circuits. ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the specific characteristics of the component: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **CTS1F** | Series Series | Axial Leaded Molded Inductor (Standard Series) | | **R39** | Inductance Value | **0.39 µH** (R acts as a decimal point) | | **J** | Tolerance | **±5%** | --- ### 2. Technical Specifications Below are the typical electrical and physical parameters for this specific inductor: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.39 µH | | **Tolerance** | ±5% | | **Core Material** | Phenolic or Ferrite (Typically Phenolic for low values) | | **DC Resistance (DCR)** | ~0.10 - 0.15 Ohms (Max) | | **Rated Current (Idc)** | ~800 - 1000 mA | | **Self-Resonant Frequency (SRF)** | > 400 MHz | | **Package Type** | Axial Leaded (Through-hole) | | **Operating Temperature** | -55°C to +125°C | --- ### 3. Key Features & Applications #### Features: * **Molded Construction:** The inductor is encased in a rugged epoxy resin, providing excellent moisture resistance and mechanical strength. * **High Q Factor:** Designed for stability in high-frequency applications. * **Small Footprint:** Its axial design is ideal for space-constrained PCB layouts requiring through-hole mounting. #### Applications: * **RF Circuits:** Used in oscillators and high-frequency communication equipment. * **Filtering:** Acting as a low-pass filter to block high-frequency noise in power lines. * **Decoupling:** Isolating different stages of a circuit to prevent interference. * **Consumer Electronics:** Found in TVs, radios, and power supplies. --- ### 4. Implementation Schematic (Example) In a simple Pi-Filter application, the CTS1F-R39J might be used as follows: ```text [Input] ----[Capacitor C1]----[Inductor L1 (0.39uH)]----[Capacitor C2]---- [Output] | | [GND] [GND] ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent SMD alternatives for the CTS1F series?
    • ⤷ How does the 'J' tolerance affect precision in RF tuning circuits?
    • ⤷ Can this inductor be used in high-temperature automotive environments?