Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTS2F-R10K

  • AI
    The **CTS2F-R10K** is a specific type of electronic component known as a **Leaded Fixed Inductor** (specifically a conformal coated axial inductor). It is designed for use in circuits where space is a factor and filtering or energy storage is required. --- ### 1. Key Technical Specifications The part number follows a standardized coding system for inductors. Here is the breakdown of its primary electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.10 µH (Microhenries) | | **Tolerance** | ±10% (Indicated by the 'K' suffix) | | **Package Type** | Axial Leaded (Through-hole) | | **Core Material** | Phenolic (Non-magnetic) | | **Current Rating (DC)** | Typically high (around 1000mA+ depending on specific series) | | **DC Resistance (DCR)** | Very low (typically < 0.10 Ω) | --- ### 2. Functional Characteristics * **Conformal Coating:** The "2F" series usually features a flame-retardant epoxy or resin coating that protects the internal windings from moisture and environmental contaminants. * **Color Coding:** Like resistors, these often use color bands to denote value and tolerance. For a **0.10 µH** inductor, the bands would represent the decimal value and multiplier. * **High Self-Resonant Frequency (SRF):** Due to the phenolic core and low inductance, this component is suitable for high-frequency applications. --- ### 3. Common Applications The CTS2F-R10K is typically found in the following types of circuits: 1. **RF Coupling/Decoupling:** Used to block high-frequency noise from entering power supply rails. 2. **Signal Filtering:** Used in low-pass or high-pass filters in radio communication equipment. 3. **EMI Suppression:** Reducing electromagnetic interference in consumer electronics. 4. **Oscillators:** Serving as a frequency-determining element in LC circuits. --- ### 4. Part Number Breakdown The nomenclature is generally structured as follows: * **CTS2F:** The series designation (Conformal Coated Axial Inductor). * **R10:** The inductance value. "R" acts as the decimal point (R10 = 0.10). * **K:** The tolerance code (J = ±5%, K = ±10%, M = ±20%).
    ✨ Follow-up Questions
    • ⤷What is the difference between a phenolic core and a ferrite core inductor?
    • ⤷ How do I read the color bands on an axial inductor?
    • ⤷ Can this inductor be used in high-wattage power supplies?