Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTS2F-R22K

  • AI
    ## Overview of CTS2F-R22K The **CTS2F-R22K** is a passive electronic component, specifically a **Molded Unshielded RF Inductor** (Choke). It belongs to the axial-leaded inductor category, designed for use in circuits where space is limited and reliable inductance is required. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics for the CTS2F-R22K: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.22 µH (microHenries) | | **Tolerance** | ±10% (Indicated by 'K') | | **Package Type** | Axial Leaded (Through-hole) | | **Core Material** | Phenolic (Non-magnetic core) | | **DC Resistance (Max)** | 0.10 Ohms | | **Current Rating (Max)** | 1400 mA (1.4 Amps) | | **Self-Resonant Frequency** | 500 MHz | --- ### 2. Part Number Breakdown The part number provides specific details about the component's properties: * **CTS2F**: Series designator (High-reliability molded inductor). * **R22**: Represents the inductance value. The "R" acts as a decimal point. $R22 = 0.22 \mu H$. * **K**: Represents the tolerance level. $K = \pm10\%$. --- ### 3. Key Features and Applications #### Features * **Molded Construction**: The internal coil is encapsulated in a durable epoxy/phenolic resin, providing moisture resistance and mechanical protection. * **High Q Factor**: Designed for high-frequency performance with low losses. * **Small Footprint**: The axial design allows for easy integration into standard PCB layouts. #### Common Applications 1. **RF Filtering**: Used in radio frequency circuits to block high-frequency noise while allowing DC or lower-frequency signals to pass. 2. **Decoupling**: Prevents high-frequency interference from affecting power supply lines in sensitive electronics. 3. **Oscillators**: Used in tuning circuits to determine specific operating frequencies. 4. **Signal Processing**: Common in telecommunications equipment and consumer electronics (TVs, Radios). --- ### 4. Implementation Example In a circuit schematic, this inductor would be represented as follows: ```text L1 (0.22uH) ---(/////)--- ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between phenolic and ferrite cores in inductors?
    • ⤷ How does the 'Q factor' affect the performance of the CTS2F-R22K?
    • ⤷ Can this inductor be used in high-power switching power supplies?