Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTS2F-R47K

  • AI
    The **CTS2F-R47K** is a specific electronic component belonging to the **fixed inductor** family, commonly used in radio frequency (RF) and signal filtering applications. ### 1. Component Identification The part number can be broken down to understand its technical specifications: | Part Segment | Meaning | Details | | :--- | :--- | :--- | | **CTS2F** | Series/Type | Conformal Coated Choke (Axial Lead Inductor) | | **R47** | Inductance Value | **0.47 µH** (Microhenries) | | **K** | Tolerance | **±10%** | --- ### 2. Key Technical Specifications While exact values can vary slightly by manufacturer (such as Central Technologies), the standard specifications for this series are as follows: * **Inductance:** 0.47 µH * **Tolerance:** ±10% * **Case Style:** Axial Leaded (Through-hole) * **Coating:** Epoxy resin (Conformal coated for environmental protection) * **Quality Factor (Q Min):** Typically ranges between 40-60 at specific test frequencies. * **Self-Resonant Frequency (SRF):** Usually very high (above 100 MHz), making it suitable for high-frequency circuits. * **DC Resistance (DCR):** Low resistance to minimize power loss. --- ### 3. Construction and Use The component consists of a wire coil wound around a ferrite or phenolic core, protected by an insulating epoxy coating. #### Common Applications: * **RF Coupling/Decoupling:** Used to block high-frequency noise while allowing DC to pass. * **Filters:** Integrated into Low-Pass or Band-Pass filters. * **Power Supplies:** Used in switching regulators for minor smoothing. * **Telecommunications:** Signal processing in modems and transmitters. --- ### 4. Circuit Symbol and Package In a schematic, it is represented by a standard inductor symbol: ```text L1 ----(UUUU)---- 0.47µH ``` The physical package is **Axial**, meaning the leads come out of opposite ends, similar to a standard resistor. This makes it easy to mount on traditional PCBs (Printed Circuit Boards) or breadboards. ---
    ✨ Follow-up Questions
    • ⤷ What are the maximum current ratings for the CTS2F series?
    • ⤷ How does a conformal coated inductor differ from a molded inductor?
    • ⤷ Can this part be used in high-temperature automotive environments?