Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTSPMA3015F-R68M

  • AI
    The **CTSPMA3015F-R68M** is a high-performance, surface-mount (SMD) power inductor. It belongs to a category of molded power inductors designed for high-density power applications, specifically those requiring low profile and high efficiency. --- ## Technical Specifications The part number can be broken down to understand its core electronic characteristics: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 0.68 µH (indicated by "R68") | | **Tolerance** | ±20% (indicated by "M") | | **Package Size** | 3.0mm x 3.0mm x 1.5mm (3015) | | **Construction** | Metal Alloy Molded (Shielded) | | **Core Material** | Iron Powder / Metallic Alloy | --- ## Core Electronic Features ### 1. Magnetic Shielding Unlike traditional wire-wound inductors, this part is **molded**. The wire is encased in a metallic alloy powder. This provides excellent magnetic shielding, which minimizes Electromagnetic Interference (EMI) and prevents the magnetic field from affecting nearby components on a crowded PCB. ### 2. High Saturation Current ($I_{sat}$) Due to the metal alloy core, these inductors feature "soft saturation." Unlike ferrite cores that drop inductance sharply when current increases, this part maintains its inductance more effectively under high-load conditions. ### 3. Low DC Resistance (DCR) The internal structure is optimized to keep the resistance of the copper winding as low as possible. This minimizes power loss through heat (I²R losses), making it ideal for battery-operated devices. --- ## Common Applications Because of its small footprint (3.0mm x 3.0mm) and 1.5mm height, it is typically used in: * **DC-DC Converters:** Voltage regulation in smartphones and tablets. * **Power Management Integrated Circuits (PMICs):** Distributing power to CPUs and GPUs. * **LED Drivers:** Providing steady current for backlighting. * **IoT Devices:** Compact sensors requiring efficient power conversion. --- ## Comparison: Metal Molded vs. Ferrite Inductors | Feature | Metal Molded (CTSPMA) | Traditional Ferrite | | :--- | :--- | :--- | | **Saturation** | Soft (Gradual) | Hard (Sudden) | | **EMI Shielding** | Excellent | Moderate | | **Acoustic Noise** | Very Low | Can buzz | | **Size/Power Ratio** | High | Moderate |
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current (Isat) for this specific inductor?
    • ⤷ How does 'soft saturation' benefit a switching power supply circuit?
    • ⤷ Are there pin-compatible alternatives from other manufacturers like Vishay or TDK?