Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTSPMA4015F-R68M

  • AI
    The **CTSPMA4015F-R68M** is a high-performance, surface-mount (SMD) power inductor part of the **PMA series** manufactured by **Central Technologies**. It is designed for high-current power supply circuits where efficiency and space-saving are critical. --- ## 1. Technical Specifications The part number encodes the physical dimensions and electrical characteristics. Below are the key specifications: | Parameter | Value | Notes | | :--- | :--- | :--- | | **Inductance** | 0.68 µH | Rated at 100kHz, 1V | | **Tolerance** | ±20% (M) | Standard industry tolerance | | **DC Resistance (DCR)** | 6.5 mΩ (Max) | Very low resistance for high efficiency | | **Saturation Current (Isat)** | 16.0 A | Current where inductance drops ~30% | | **Heating Current (Irms)** | 11.0 A | Current causing a 40°C temp rise | | **Operating Temp** | -55°C to +125°C | Includes self-heating | --- ## 2. Construction and Design The "PMA" series utilizes specialized materials to handle high power densities: * **Molded Shielded Construction:** The coil is encapsulated in a metal powder composite. This provides "soft" saturation characteristics and excellent EMI (Electromagnetic Interference) shielding. * **AEC-Q200 Qualified:** Often used in automotive-grade applications, meaning it is tested for high vibration and thermal shock resistance. * **Lead-Free/RoHS:** Compliant with environmental standards for soldering processes. --- ## 3. Dimensional Data (4015F Series) The "4015" in the part number indicates the physical footprint in millimeters: | Dimension | Measurement (mm) | | :--- | :--- | | **Length** | 4.4 ± 0.35 | | **Width** | 4.0 ± 0.30 | | **Height** | 1.5 Max | *The low profile (1.5mm) makes it ideal for ultra-thin electronics.* --- ## 4. Typical Applications Due to its high saturation current and low DCR, this inductor is commonly found in: 1. **DC/DC Converters:** Point-of-Load (POL) converters for CPUs and GPUs. 2. **Mobile Devices:** Battery-powered gadgets requiring high efficiency to extend battery life. 3. **Automotive:** Infotainment systems and ADAS sensors. 4. **Power Supplies:** Compact switching mode power supplies (SMPS). --- ## 5. Part Number Breakdown * **CT:** Central Technologies (Manufacturer) * **S:** Surface Mount * **PMA:** Power Molded Alloy (Series Type) * **4015:** 4.0mm x 4.0mm footprint, 1.5mm height * **F:** Lead-free/RoHS compliant * **R68:** 0.68 µH (R denotes the decimal point) * **M:** ±20% Tolerance
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts from other manufacturers like Coilcraft or Bourns?
    • ⤷ How does the 'soft saturation' of a molded inductor differ from a ferrite core inductor?
    • ⤷ Can this inductor be used in high-frequency switching applications above 1MHz?