Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTSPMA5010F-R68M

  • AI
    ## Technical Overview of CTSPMA5010F-R68M The **CTSPMA5010F-R68M** is a high-performance, surface-mount (SMD) power inductor. It belongs to a category of molded power chokes designed for high-current applications where space-saving and low electromagnetic interference (EMI) are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.68 µH | | **Tolerance** | ±20% (M) | | **Case Size** | 5.4mm x 5.2mm x 1.0mm | | **Rated Current (Irms)** | ~10.0 A | | **Saturation Current (Isat)** | ~14.0 A | | **DC Resistance (DCR)** | ~8.2 mΩ (Max) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the component's physical and electrical characteristics: * **CTSPMA**: Series name (typically identifying a molded metal powder structure). * **5010**: Dimensions (Approx. 5.0mm x 5.0mm footprint, 1.0mm height). * **F**: RoHS compliant/Lead-free material indicator. * **R68**: Inductance value (R68 = 0.68 µH). * **M**: Tolerance (M = ±20%). --- ### 3. Construction and Features * **Molded Structure:** The inductor is made by pressing metal powder around a copper coil. This "molded" design results in a shielded structure that minimizes leakage flux (low EMI). * **Soft Saturation:** Unlike ferrite inductors that lose inductance sharply when current increases, this metal powder core exhibits "soft saturation," maintaining stability under high-load peaks. * **Low Profile:** At only 1.0mm high, it is ideal for ultra-thin electronics like tablets, laptops, and slim power modules. --- ### 4. Common Applications This component is typically found in **DC-DC Converters** and **Point-of-Load (POL)** power supplies. 1. **Consumer Electronics:** CPU/GPU power supply in laptops and smartphones. 2. **Communication:** High-speed routers and base station modules. 3. **Industrial:** Compact motor drivers and sensors requiring stable power filtering. --- ### 5. Equivalent Footprint Code Example If you are designing a PCB for this part in a software like Altium or KiCad, you might represent the footprint dimensions as follows: ```cpp // General Dimensions for Footprint Design (mm) float Length = 5.4; float Width = 5.2; float Height = 1.0; float Pad_Width = 1.2; float Pad_Gap = 2.2; ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Irms and Isat for this inductor?
    • ⤷ Can this inductor be used in automotive applications?
    • ⤷ What are the benefits of a metal powder core over a ferrite core?