Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTSPW-059

  • AI
    The **CTSPW-059** is a specialized steering wheel control (SWC) interface manufactured by **Connects2**. It is primarily designed for **Volkswagen** vehicles (specifically models like the Crafter or MAN TGE) to allow the integration of an aftermarket head unit while retaining factory steering wheel button functionality and converting CAN-Bus signals into analog outputs. --- ### 1. Key Electronic Components & Functions The device acts as a "translator" between the vehicle's digital network and the aftermarket radio's analog/digital inputs. | Component / Feature | Description | | :--- | :--- | | **CAN-Bus Decoder** | The "brain" of the unit that reads high-speed digital data from the vehicle's engine and comfort network. | | **Voltage Regulator** | Converts the vehicle's fluctuating 12V-14.4V DC power into a stable voltage for the internal microprocessor. | | **Signal Converters** | Translates digital packets into specific analog triggers (e.g., Reverse Gear, Speed Pulse). | | **ISO Connector** | The standard wiring interface used to bridge the vehicle harness to the radio harness. | --- ### 2. Output Signals (Electronic Conversions) The CTSPW-059 is highly valued because it extracts specific electronic signals from the CAN-Bus that are otherwise difficult to wire manually: 1. **Ignition (12V Switched):** Provides power to the radio only when the key is turned. 2. **Speed Pulse:** Sends a frequency signal to the head unit for GPS accuracy and speed-dependent volume. 3. **Reverse Gear:** Triggers the head unit to switch to the rearview camera mode automatically. 4. **Park Brake:** Enables video playback or settings menus only when the handbrake is engaged (safety feature). 5. **Illumination:** Dims the head unit display when the vehicle's headlights are turned on. --- ### 3. Connection Pinout Overview The electronics are housed in a plastic module with a multi-pin input. Below is a simplified representation of the wiring logic: ```yaml Wiring_Logic: Input: Factory Quadlock / CAN-High & CAN-Low Output_Wires: - Red: 12V Ignition - Orange: Illumination - Pink: Speed Pulse - Purple/White: Reverse Gear - Green: Park Brake - Blue/White: Remote Turn On ``` --- ### 4. Technical Requirements To function correctly, the electronic assembly requires a **Patch Lead** (CTMULTILEAD.2 or brand-specific). This lead is what physically connects the CTSPW-059 processor to the specific remote input (3.5mm jack or single wire) of your aftermarket brand (Sony, Pioneer, Kenwood, etc.). ---
    ✨ Follow-up Questions
    • ⤷ Which vehicle models specifically support the CTSPW-059 interface?
    • ⤷ What is the difference between this and a standard ISO harness adapter?
    • ⤷ How do you program the patch lead for a specific radio brand?