CTX150-2-52LP-R
AI

The **CTX150-2-52LP-R** is a specific electronic component belonging to the **OCTA-PAC® PLUS** series, manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). This part is a high-power, surface-mount toroidal inductor/transformer.
---
## 1. Technical Specifications
The part number encodes specific data about its construction and performance.
| Parameter | Specification |
| :--- | :--- |
| **Inductance (Parallel)** | 14.8 µH |
| **Inductance (Series)** | 59.3 µH |
| **Current Rating (Isat)** | ~2.65 A (Parallel) |
| **DC Resistance (DCR)** | ~0.046 Ω (Parallel) |
| **Core Material** | Powered Iron (Material -52) |
| **Configuration** | Dual Winding (Two identical coils) |
| **Mounting Type** | Surface Mount (SMD) |
| **Operating Temp** | -40°C to +125°C |
---
## 2. Key Features and Construction
### Dual Winding Versatility
The most significant feature of this part is the **two separate windings** on a single core. This allows the component to be used in three distinct ways:
1. **Series Inductor:** Connecting the coils in series quadruples the inductance.
2. **Parallel Inductor:** Connecting the coils in parallel maintains the base inductance but doubles the current capacity.
3. **1:1 Transformer:** Using one winding as a primary and the other as a secondary for isolation or voltage transformation.
### Material -52 Core
The "-52" in the part number refers to the core material (blue/green iron powder). This material is optimized for:
* High frequency applications (up to 500kHz).
* Lower core losses compared to standard iron powder.
* Stable performance under high-temperature conditions.
---
## 3. Applications
Due to its rugged design and dual-winding flexibility, it is commonly found in:
* **DC-DC Converters:** Used in Buck, Boost, and SEPIC topologies.
* **EMI Filtering:** Acting as a common-mode or differential-mode choke.
* **Power Supplies:** Specifically in high-density power modules for industrial or telecommunications equipment.
* **Isolation:** Providing signal or power isolation in low-wattage circuits.
---
## 4. Part Number Breakdown
```text
CTX 150 - 2 - 52 LP - R
| | | | | |
| | | | | +-- RoHS Compliant
| | | | +------- Low Profile package
| | | +---------- Core Material (-52)
| | +-------------- Size Code (Case size 2)
| +------------------ Inductance Code (150 = 15.0 µH nominal)
+----------------------- Product Series (OCTA-PAC)
```
- ⤷
What is the difference between connecting the CTX150-2-52LP-R in series vs parallel?
- ⤷ How does the 'LP' (Low Profile) designation affect its thermal performance?
- ⤷ Can this component be used as a flyback transformer?