CTX150-2-R
AI

The **CTX150-2-R** is a high-performance, dual-winding surface mount (SMD) inductor part of the **OCTA-PAC® PLUS** series, originally manufactured by Coiltronics (now a brand under **Eaton / Bussmann**).
---
## 1. Technical Specifications
The CTX150-2-R is designed for versatility, allowing the two internal windings to be connected in series or parallel.
| Parameter | Specification (Parallel) | Specification (Series) |
| :--- | :--- | :--- |
| **Inductance (L)** | 150 µH | 600 µH |
| **DC Resistance (DCR) Max** | 0.443 Ω | 1.772 Ω |
| **Isat (Saturation Current)** | 1.01 A | 0.50 A |
| **Irms (Rated Current)** | 0.88 A | 0.44 A |
| **Operating Temp** | -40°C to +125°C | -40°C to +125°C |
---
## 2. Key Features and Construction
### A. Material Composition
* **Core Type:** Powered Iron core. This provides high saturation current capabilities and lowers the risk of abrupt inductance drop-off.
* **Winding:** It features two identical windings (1:1 turns ratio).
* **Shielding:** It is an unshielded design but features a robust, low-profile epoxy-encapsulated package for environmental protection.
### B. The "R" Suffix
The **-R** at the end of the part number indicates that the component is **RoHS Compliant** (Lead-free), meeting modern environmental and regulatory standards.
### C. Magnetic Coupling
Because the two windings are wound on the same core, they are magnetically coupled. This makes the part suitable for more than just standard filtering.
---
## 3. Common Applications
The dual-winding nature of the CTX150-2-R allows it to function in several circuit topologies:
* **Flyback Transformers:** Used as a 1:1 transformer for isolated power supplies.
* **SEPIC Converters:** Acts as the coupled inductor required for Single-Ended Primary-Inductor Converters.
* **Common Mode Choke:** Used to filter out electromagnetic interference (EMI) in power lines.
* **DC-DC Buck/Boost:** Used as a standard inductor when windings are tied together to increase current capacity or inductance.
---
## 4. Physical Dimensions (Size 2)
The "2" in the part number refers to the physical size of the OCTA-PAC PLUS housing:
* **Length:** ~11.4 mm
* **Width:** ~11.4 mm
* **Height:** ~4.8 mm
- ⤷
What are the wiring diagrams for connecting the CTX150-2-R in series vs. parallel?
- ⤷ What are the alternatives if I need a shielded version of this inductor?
- ⤷ How does the 'Plus' version differ from the standard OCTA-PAC series?