Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CTXAL5030F-R33M

  • AI
    The **CTXAL5030F-R33M** is a high-performance, surface-mount (SMD) power inductor. It belongs to the metal alloy family of inductors, which are designed to handle high current in compact footprints, primarily for power management applications. --- ## 1. Part Number Breakdown Understanding the nomenclature helps identify the component's physical and electrical limits: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **CTXAL** | Series Prefix | Metal Alloy Power Inductor | | **5030** | Case Size | Dimensions approx. 5.4mm x 5.2mm x 3.0mm | | **F** | Lead-Free | RoHS Compliant | | **R33** | Inductance Value | **0.33 µH** (R denotes decimal) | | **M** | Tolerance | **±20%** | --- ## 2. Key Technical Specifications Below are the typical electrical characteristics for this specific model: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.33 µH | | **DC Resistance (DCR)** | ~3.5 mΩ (Nominal) | | **Saturation Current ($I_{sat}$)** | ~18.0 - 22.0 A | | **Heating Current ($I_{rms}$)** | ~13.0 - 15.0 A | | **Operating Temperature** | -40°C to +125°C | --- ## 3. Core Technologies & Features The CTXAL series utilizes specific materials to achieve its performance: * **Metal Alloy Core:** Unlike traditional ferrite cores, metal alloy powder offers a "soft saturation" curve. This means the inductance drops gradually rather than abruptly when current increases, preventing sudden circuit failure. * **Magnetically Shielded:** The molded construction minimizes Electromagnetic Interference (EMI), making it suitable for high-density PCB layouts. * **Low DCR:** The use of flat or heavy-gauge copper wire inside reduces power loss through heat, increasing overall power supply efficiency. --- ## 4. Typical Applications These inductors are commonly found in the following electronic circuits: 1. **DC-DC Converters:** Used in Buck, Boost, and SEPIC topologies. 2. **Voltage Regulator Modules (VRM):** High-current power delivery for CPUs and GPUs. 3. **Portable Electronics:** Tablets, laptops, and smartphones where space is limited but current demand is high. 4. **Automotive Infotainment:** Powering onboard sensors and displays.
    ✨ Follow-up Questions
    • ⤷ What is the difference between saturation current and heating current for this part?
    • ⤷ Are there specific soldering profiles recommended for the CTXAL5030 series?
    • ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?