Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CV201210-R33K

  • AI
    The **CV201210-R33K** is a specific surface-mount electronic component, primarily categorized as a **Multilayer Chip Inductor**. It is widely used in high-frequency circuits for signal conditioning and noise suppression. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify its physical and electrical characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **CV** | Series Type | Chip Inductor (Multilayer) | | **2012** | Case Size (Metric) | 2.0mm x 1.25mm (0805 Imperial) | | **10** | Height/Thickness | Approx. 1.0mm | | **R33** | Inductance Value | 0.33 µH (Microhenries) | | **K** | Tolerance | ±10% | --- ### 2. Technical Specifications The typical electrical profile for this component (based on standard manufacturer datasheets like Bourns or Samsung) is as follows: * **Inductance:** 0.33 µH * **Tolerance:** ±10% * **Quality Factor (Q):** Typically 15–25 (at specified frequency) * **Self-Resonant Frequency (SRF):** High (usually >200 MHz) * **DC Resistance (DCR):** Low (approx. 0.40 – 0.70 Ohms) * **Rated Current:** Usually between 100mA to 300mA (depending on temperature rise) * **Operating Temperature:** -55°C to +125°C --- ### 3. Construction and Material * **Technology:** Multilayer ceramic technology. It is constructed by layering ceramic dielectric materials and screen-printed conductive patterns (usually Silver/Palladium) to form a coil internally. * **Monolithic Structure:** Provides high reliability and excellent magnetic shielding, which minimizes crosstalk between components on a dense PCB. * **Termination:** Nickel barrier with a Tin (Sn) plating for excellent solderability and resistance to soldering heat. --- ### 4. Common Applications Due to its small size and precise inductance, it is found in: 1. **Mobile Devices:** Smart phones and tablets for RF tuning. 2. **EMI Suppression:** Filtering high-frequency noise in digital signal lines. 3. **WLAN/Bluetooth:** Used in matching circuits for wireless modules. 4. **Power Decoupling:** Preventing high-frequency interference from entering the power rail. --- ### 5. Equivalent Footprint If you are designing a PCB, the landing pattern should follow the **0805 (Imperial)** standard: ```text Length: 2.00 mm ± 0.20 Width: 1.25 mm ± 0.20 Height: 0.85 mm to 1.25 mm ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a multilayer chip inductor and a wire-wound inductor?
    • ⤷ Can this part be used in high-power switching power supplies?
    • ⤷ How does the 'Q factor' affect the performance of this inductor in RF circuits?