Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CV201210-R47K

  • AI
    The **CV201210-R47K** is a surface-mount (SMD) multilayer chip inductor. It is commonly used in high-frequency circuits for signal conditioning, filtering, and noise suppression. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's physical and electrical characteristics: | Code Segment | Meaning | Details | | :--- | :--- | :--- | | **CV** | Series Type | Multilayer Chip Inductor (General Purpose) | | **2012** | Package Size | 2.0mm x 1.25mm (Metric) / 0805 (Imperial) | | **10** | Thickness | 1.0mm (standard for this series) | | **R47** | Inductance Value | R denotes decimal point. **0.47 µH** (470 nH) | | **K** | Tolerance | **±10%** | --- ### 2. Key Specifications The typical electrical parameters for this specific inductor are as follows: * **Inductance:** 0.47 µH * **Tolerance:** ±10% * **Quality Factor (Q):** Usually 25 minimum (at 25 MHz) * **Self-Resonant Frequency (SRF):** Approximately 135 MHz * **DC Resistance (DCR):** ~0.40 - 0.50 Ohms (Max) * **Rated Current:** ~200 mA to 250 mA * **Operating Temperature:** -55°C to +125°C --- ### 3. Construction and Materials This part is a **Multilayer Chip Inductor**, which differs from wire-wound types: * **Core Material:** Usually Ferrite or Ceramic. * **Internal Electrodes:** Screen-printed conductive paste (Ag/Ag-Pd) layered within the ceramic/ferrite body. * **Terminations:** Typically feature a Nickel (Ni) barrier layer with a Tin (Sn) finish for excellent solderability and resistance to leaching. --- ### 4. Common Applications Due to its small 0805 footprint and inductance value, the CV201210-R47K is found in: 1. **RF Circuits:** Used in impedance matching and resonance circuits for Bluetooth or Wi-Fi modules. 2. **EMI Suppression:** Filtering high-frequency noise in power supply lines. 3. **Signal Decoupling:** Preventing cross-talk between different sections of a PCB. 4. **Mobile Electronics:** Ideal for smartphones, tablets, and portable devices where space is at a premium. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between multilayer and wire-wound inductors?
    • ⤷ How does the self-resonant frequency (SRF) affect the performance of this inductor?
    • ⤷ Can this inductor be used in high-power switching power supplies?