Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CV201210-R56K

  • AI
    The **CV201210-R56K** is a specific surface-mount electronic component, primarily categorized as a **Chip Multi-layer Ceramic Inductor**. It is widely used in high-frequency circuits for signal conditioning and noise suppression. --- ## 1. Part Number Breakdown The nomenclature follows industry standards for passive components: | Segment | Value | Description | | :--- | :--- | :--- | | **CV** | Series Prefix | Indicates the Multi-layer Chip Inductor series. | | **201210** | Case Size | Metric dimensions (2.0mm x 1.25mm x 1.0mm). Equivalent to **EIA 0805**. | | **R56** | Inductance | The "R" acts as a decimal point. **0.56 µH** (Microhenries). | | **K** | Tolerance | Indicates **±10%** allowable deviation from nominal inductance. | --- ## 2. Technical Specifications These are the typical parameters for the R56K variant in this series: * **Inductance:** 0.56 µH * **DC Resistance (DCR):** Usually ranges between 0.30Ω to 0.55Ω (Max). * **Rated Current:** Typically around 150mA to 250mA (varies by manufacturer). * **Self-Resonant Frequency (SRF):** Approximately 80 MHz to 110 MHz. * **Operating Temperature:** -55°C to +125°C. * **Material:** Ceramic body with silver (Ag) internal electrodes and nickel/tin plating for soldering. --- ## 3. Key Electronic Features ### A. Multi-layer Construction Unlike wire-wound inductors, this part is built by layering ceramic sheets and conductive paste. This results in a **monolithic structure** that is highly reliable and physically robust. ### B. Magnetic Shielding The multi-layer design provides a closed magnetic circuit. This minimizes **Electromagnetic Interference (EMI)** and prevents the inductor from affecting nearby sensitive components on a dense PCB. ### C. High Q Factor It is designed to maintain a high "Quality Factor" at high frequencies, meaning it has low energy loss, which is critical for RF (Radio Frequency) applications. --- ## 4. Typical Applications * **Mobile Communication:** Used in smartphones and tablets for RF modules. * **Filtering:** Acting as a low-pass filter to remove high-frequency noise from power lines or signal lines. * **Impedance Matching:** Ensuring maximum power transfer between different stages of an RF circuit. * **Consumer Electronics:** Found in Bluetooth modules, Wi-Fi cards, and portable media players.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between this multi-layer inductor and a wire-wound inductor of the same value?
    • ⤷ How does the 'K' tolerance impact circuit performance in RF applications?
    • ⤷ Which manufacturers typically produce the CV201210 series?