Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CVR1-3B-R/CE

  • AI
    The **CVR1-3B-R/CE** is a high-performance **Chip Varistor** manufactured by components specialists like **TDK Corporation** or similar electronic parts suppliers. This specific part belongs to the family of surge protection devices designed to protect sensitive electronic circuits from electrostatic discharge (ESD) and voltage transients. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic parameters for this component: | Parameter | Value/Description | | :--- | :--- | | **Part Type** | Multi-layer Chip Varistor (MLV) | | **Package / Case** | 0603 (Inch) / 1608 (Metric) | | **Working Voltage (Max)** | 3.3V DC | | **Varistor Voltage** | ~5.0V to 11.0V (Trigger Point) | | **Clamping Voltage** | Max voltage during a surge event | | **Capacitance** | Optimized for high-speed signal lines | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Electronic Functionality The CVR series operates as a **Voltage-Dependent Resistor (VDR)**. Its resistance changes based on the applied voltage: 1. **Normal Operation:** Under the rated working voltage (3.3V), the part maintains high resistance, appearing as an open circuit to the system. 2. **Surge Event:** When a high-voltage transient (like ESD) hits the line, the resistance drops instantaneously, shunting the excess current to the ground. 3. **Recovery:** Once the surge passes, the device automatically returns to its high-resistance state. --- ### 3. Application Areas This part is specifically engineered for low-voltage digital circuits where signal integrity is crucial. Common uses include: - **Mobile Electronics:** Smartphones and tablets. - **Data Lines:** USB ports, HDMI, and high-speed data transmission. - **Consumer Hardware:** Wearables and IoT devices. - **Protection:** Guarding ICs (Integrated Circuits) from human-contact ESD. --- ### 4. Advantages of CVR1-3B-R/CE * **Space-Saving:** The 0603 footprint allows for high-density PCB mounting. * **Bidirectional Protection:** It protects against both positive and negative voltage spikes. * **Low Capacitance:** Minimizes signal distortion, making it suitable for high-frequency applications. * **Reliability:** Compliant with RoHS standards and lead-free requirements. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a chip varistor and a TVS diode?
    • ⤷ How does capacitance affect high-speed data line protection?
    • ⤷ What are the soldering recommendations for 0603 SMD components?