Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CVR1-4D-R/CE

  • AI
    The **CVR1-4D-R/CE** is a specialized electronic component, typically categorized as a **Chip Varistor** (also known as a Metal Oxide Varistor or MOV in surface-mount form). These parts are designed to protect sensitive electronic circuits from high-voltage transients, such as Electrostatic Discharge (ESD) or lightning surges. ### 1. Key Technical Specifications The part number follows a specific nomenclature used by manufacturers (often associated with brands like **CeNtRa** or specialized power electronics suppliers). | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Multilayer Chip Varistor (MLV) | | **Package Size** | 0402 or 0603 (Inferred from "4D" series) | | **Working Voltage (DC)** | Typically 5.5V to 18V (Application dependent) | | **Clamping Voltage** | The voltage at which the device begins to conduct | | **Termination** | RoHS compliant, Lead-free (indicated by /CE or /R) | | **Mounting Type** | Surface Mount Device (SMD) | --- ### 2. Functional Description The CVR1-4D-R/CE acts as a **voltage-dependent resistor**. Its primary function is to change its resistance based on the applied voltage: 1. **Normal State:** Under normal operating voltages, the device maintains high impedance, acting as an open circuit. 2. **Surge State:** When a voltage spike (ESD) occurs, the resistance drops instantly. This shunts the excess energy to the ground, protecting downstream ICs. 3. **Recovery:** Once the surge passes, it returns to its high-impedance state. --- ### 3. Electronic Architecture & Materials The internal construction of these parts involves several layers: * **Zinc Oxide (ZnO) Base:** The ceramic semi-conductive material that provides the non-linear voltage characteristics. * **Internal Electrodes:** Precious metal layers (often Silver-Palladium) layered to increase the surge current capacity. * **End Terminations:** Usually consist of a Silver (Ag) base layer, a Nickel (Ni) barrier layer, and a Tin (Sn) plating layer for excellent solderability. --- ### 4. Application Areas These parts are commonly found in high-speed data lines and power rails: * **USB Ports:** Protecting against ESD when plugging/unplugging devices. * **LCD Displays:** Protecting driver circuits. * **IoT Devices:** Ensuring longevity in compact battery-powered sensors. * **Automotive Electronics:** Safeguarding sensors from engine electrical noise. --- ### 5. Identification & Marking * **"CVR":** Chip Varistor. * **"1":** Series or current rating indicator. * **"4D":** Physical dimensions (often referring to the EIA case size). * **"R":** Tape and Reel packaging. * **"CE":** Compliance marking (European Conformity) or specific manufacturer series designation.
    ✨ Follow-up Questions
    • ⤷What is the maximum surge current this varistor can handle?
    • ⤷ How does this component compare to a TVS diode?
    • ⤷ What are the recommended soldering profiles for the CVR1-4D series?