Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CVR1-5B-R

  • AI
    The **CVR1-5B-R** is a specific electronic component, typically categorized as a **Chip Variable Resistor (Trimmer Potentiometer)**. It is widely used in electronic circuits for fine-tuning voltage or current levels during the manufacturing or maintenance process. ### 1. Key Technical Specifications Based on the standard nomenclature for the CVR series (often manufactured by companies like **Copal Electronics** or **Kyocera**), here are the primary specifications: | Feature | Description | | :--- | :--- | | **Type** | Single-turn Trimmer Potentiometer | | **Mounting Type** | Surface Mount (SMD) | | **Resistance Range** | Typically 10Ω to 2MΩ (varies by sub-code) | | **Power Rating** | 0.05 Watts at 70°C | | **Tolerance** | ±25% | | **Operating Temp** | -40°C to +100°C | | **Rotation Angle** | 220° (Mechanical) | --- ### 2. Physical Construction The "5B" designation usually refers to the physical size and footprint of the device. * **Size:** Generally a 2mm or 3mm square footprint, making it ideal for high-density PCB designs. * **Adjustment:** Top-adjust slot for a screwdriver. * **Material:** Cermet (Ceramic-Metal) resistive element, which provides better stability and reliability compared to carbon-based elements. --- ### 3. Part Number Breakdown (Typical) While exact manufacturer prefixes vary, the code usually breaks down as follows: 1. **CVR:** Chip Variable Resistor. 2. **1:** Series generation or specific designator. 3. **5B:** Indicates the package size and terminal style (SMD). 4. **R:** Often indicates the packaging type (e.g., **Tape and Reel** for automated pick-and-place machines). --- ### 4. Common Applications Since this is a "set-and-forget" component (not meant for user-facing volume knobs), it is found in: * **LCD Modules:** Adjusting contrast or backlight brightness. * **Sensors:** Calibrating threshold levels or sensitivity. * **Communication Equipment:** Tuning RF circuits or signal gains. * **Medical Devices:** Precision calibration of measuring instruments. --- ### 5. Schematic Symbol In a circuit diagram, the CVR1-5B-R is represented as a standard potentiometer with three terminals: ```text (2) Wiper | (1)---/\/\/\---(3) Resistive Element ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a cermet and a carbon trimmer resistor?
    • ⤷ How do I read the resistance value code on the top of an SMD trimmer?
    • ⤷ What are the soldering precautions for the CVR1-5B-R to avoid internal damage?