Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CVR1-5D-R/CE

  • AI
    The **CVR1-5D-R/CE** is a specialized electronic component, typically categorized as a **Metal Oxide Varistor (MOV)** or a Surge Protective Device (SPD) designed for industrial and power electronics applications. --- ## 1. Component Overview This component functions as a voltage-dependent resistor. Its primary purpose is to protect sensitive electronic circuits from high-voltage transients (surges) by clamping the voltage to a safe level. ### Key Specifications | Parameter | Value/Description | | :--- | :--- | | **Type** | Varistor / Surge Protector | | **Diameter/Size** | 5mm (Indicated by "5D") | | **Form Factor** | Radial Leaded (Disc Type) | | **Compliances** | CE Certified, RoHS Compliant | | **Resistance Type** | Non-linear (Voltage Dependent) | --- ## 2. Technical Characteristics The part number breakdown provides specific details about its electronic behavior: * **CVR Series:** High-performance metal oxide varistors often used in communication and power supply modules. * **5D:** Refers to the disc diameter (5mm). Smaller diameters typically have lower energy absorption (Joules) compared to larger discs (e.g., 10D or 14D). * **R:** Usually denotes "Radial" leads or "RoHS" compliance depending on the specific manufacturer catalog. * **CE:** Indicates the part meets European Union safety, health, and environmental protection requirements. --- ## 3. How it Works 1. **Standby Mode:** Under normal operating voltage, the varistor has a very high resistance, acting as an open circuit. 2. **Surge Event:** When a voltage spike occurs (lightning, inductive switching), the resistance drops instantly. 3. **Clamping:** The varistor shunts the excess current to ground or across the line, clamping the voltage to protect downstream components like ICs or MOSFETs. --- ## 4. Typical Applications * **Power Supplies:** Protecting AC/DC converters from line disturbances. * **Telecommunications:** Shielding data lines from electrostatic discharge (ESD). * **Consumer Electronics:** Found in surge protectors, chargers, and household appliances. * **Industrial Automation:** Protecting PLC inputs and motor controllers. --- ## 5. Circuit Implementation In a standard circuit, the CVR1-5D-R is placed in **parallel** with the load it is intended to protect. ```mermaid graph LR Input[AC/DC Input] --- V[Varistor CVR] V --- Ground V --- Load[Sensitive Electronics] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for the 5D series?
    • ⤷ How do I calculate the correct varistor voltage for a 220V AC circuit?
    • ⤷ What is the difference between a 5D and a 10D varistor in terms of energy absorption?