Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CVR1-AB-R

  • AI
    The **CVR1-AB-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Trimmer Potentiometer**. It is designed for fine-tuning resistance values within a circuit during the manufacturing or calibration process. --- ### ## Technical Specifications Below are the primary electronic characteristics typical for this series (based on the Murata CVR1 series standards): | Parameter | Specification | | :--- | :--- | | **Type** | Carbon Film Trimmer Potentiometer | | **Mounting Type** | Surface Mount (SMD) | | **Size Code** | 1.5mm x 2.2mm (Approx.) | | **Resistance Range** | 100Ω to 1MΩ (Variable by suffix) | | **Power Rating** | 0.05W to 0.1W | | **Tolerance** | ±25% | | **Rotation Angle** | 220° ± 20° | | **Operating Temp** | -10°C to +70°C | --- ### ### Key Features 1. **Ultra-Miniature Design:** The "1" in the part number often denotes the size class, making it ideal for compact consumer electronics like smartphones, hearing aids, and optical modules. 2. **Rotor Design:** The "AB" designation usually refers to the top-adjustment interface, allowing a small screwdriver to rotate the internal wiper. 3. **Taped Packaging:** The "R" suffix typically indicates **Tape & Reel** packaging, which is necessary for automated pick-and-place assembly lines. 4. **Substrate:** Uses a ceramic or resin substrate with a printed carbon resistive element. --- ### ### Common Applications * **LCD Contrast Adjustment:** Tuning the voltage for display clarity. * **Sensor Calibration:** Zeroing out offset voltages in analog sensors. * **Audio Equipment:** Setting gain levels or bias currents in micro-amplifiers. * **Communication Modules:** Fine-tuning frequency or power output in RF circuits. --- ### ### Component Structure (Internal) * **Resistive Element:** A horseshoe-shaped carbon track. * **Wiper:** A metallic contact that slides along the track to change the resistance between the center pin and the outer pins. * **Terminals:** Lead-free (RoHS compliant) solder pads for SMD mounting.
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value for a CVR1-AB-R marked with '103'?
    • ⤷ How does the 'AB' mechanical design differ from a side-adjust model?
    • ⤷ What are the recommended soldering profiles for this SMD component?