Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CVR1-AC-R

  • AI
    The **CVR1-AC-R** is an Electronic Control Component, specifically a **Voltage Monitoring Relay** (often part of a series produced by manufacturers like Crouzet or similar industrial automation brands). It is designed to monitor AC voltage levels to protect sensitive equipment from fluctuations. --- ### 1. Key Technical Specifications The "CVR" typically stands for **Control Voltage Relay**, and the suffix codes denote the specific configuration. | Feature | Specification Details | | :--- | :--- | | **Model Type** | AC Single-Phase Voltage Monitoring | | **Input Voltage Range** | Typically 220V - 240V AC (Model dependent) | | **Output Type** | Relay Contact (SPDT or DPDT) | | **Mounting** | DIN Rail (Standard 35mm) | | **Protection Class** | Overvoltage & Undervoltage | | **Reset Type** | Automatic (indicated by the 'R' suffix) | --- ### 2. Internal Electronic Parts & Functional Blocks The device is composed of several critical electronic sub-systems: #### A. Power Supply & Sensing Stage * **Transformer/Capacitive Dropper:** Steps down the line voltage to a level safe for the internal logic circuits. * **Rectifier Bridge:** Converts the AC input into a DC signal for monitoring. * **Precision Voltage Divider:** A network of resistors used to "sample" the line voltage with high accuracy. #### B. Control & Comparison Logic * **Comparator/Microcontroller:** Compares the sampled voltage against user-defined or factory-set thresholds (potentiometers). * **Potentiometers:** Small adjustable resistors on the faceplate used to set the **Upper Limit** (Overvoltage) and **Lower Limit** (Undervoltage). #### C. Output Stage * **Electromechanical Relay:** The actual switching component. When the voltage is within the "Healthy" range, the coil is energized (or de-energized, depending on configuration). * **Flyback Diode:** Protects the internal transistors from voltage spikes when the relay coil switches off. --- ### 3. Connection Diagram Overview Typical wiring for a CVR1 series relay involves the following terminals: ```text L (Line) ------> [ Input Terminal ] N (Neutral) ----> [ Input Terminal ] [ Relay Contacts ] 11 (Common) 12 (Normally Closed - NC) 14 (Normally Open - NO) ``` --- ### 4. Common Applications * **Phase Monitoring:** Ensuring a stable power supply for motors. * **Brownout Protection:** Disconnecting loads when voltage drops too low to prevent overheating. * **Industrial Automation:** Acting as a safety interlock in control panels. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between CVR1-AC-R and a standard surge protector?
    • ⤷ How do you adjust the trip delay on this specific relay model?
    • ⤷ Can this relay be used for three-phase motor protection?