Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CVR1-AF-R

  • AI
    ## Technical Overview: CVR1-AF-R The **CVR1-AF-R** is an electronic component commonly used in the appliance and automotive industries. It is a **thermal fuse (Thermal Cutoff)**, specifically a radial-lead, one-shot protection device designed to prevent electrical fires and damage due to overheating. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Thermal Cutoff (TCO) / Thermal Fuse | | **Rated Functioning Temperature ($T_f$)** | Typically ranges from 100°C to 150°C (Model dependent) | | **Rated Voltage** | 250V AC | | **Rated Current** | 1A to 2A (standard for the AF series) | | **Mounting Style** | Radial Lead (Through-hole) | | **Configuration** | Normally Closed (NC) | --- ### 2. Internal Electronic Construction The "AF" series typically utilizes a **fusible alloy** mechanism. The internal structure consists of: * **Fusible Element:** A low-melting-point alloy wire connected between two leads. * **Flux Coating:** A chemical coating that ensures the alloy melts and flows cleanly once the threshold temperature is reached. * **Insulated Case:** A ceramic or resin body that protects the internal elements from environmental contaminants. * **Sealant:** Epoxy resin used at the lead exits to ensure the device is moisture-resistant. --- ### 3. Operating Principle 1. **Normal State:** The circuit is closed. Current flows through the fusible alloy from one lead to the other. 2. **Overheat Event:** When the ambient temperature surrounding the CVR1-AF-R reaches the rated functioning temperature ($T_f$), the alloy melts. 3. **Circuit Break:** Surface tension causes the melted alloy to pull back towards the leads, creating a physical gap. 4. **One-Shot Operation:** Unlike a circuit breaker or a thermostat, this part is **non-resettable**. Once it trips, the component must be replaced. --- ### 4. Application Areas * **Small Appliances:** Coffee makers, irons, and hair dryers. * **Power Supplies:** Protection for transformers and battery chargers. * **Automotive Electronics:** Protection for small motors (wipers, windows) or interior heating elements. --- ### 5. Identification Code Breakdown * **CVR:** Manufacturer/Series series prefix (Often associated with brands like AUPO or similar TCO specialists). * **1:** Current rating indicator (often 1 Amp). * **AF:** Physical form factor (Radial leads, small cylindrical/rectangular body). * **R:** RoHS compliance (Lead-free and environmentally friendly materials).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a thermal fuse like the CVR1-AF-R and a standard glass tube electrical fuse?
    • ⤷ How do I test if a CVR1-AF-R has blown using a multimeter?
    • ⤷ Can this component be used in DC applications
    • ⤷ or is it strictly for AC?