Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CVR1-DG-R

  • AI
    ## Overview of the CVR1-DG-R The **CVR1-DG-R** is a specific electronic component typically identified as a **high-precision, automotive-grade chip resistor** or a **variable resistor/potentiometer**, depending on the manufacturer (commonly associated with brands like *Bourns* or *Copal Electronics*). In most industrial contexts, this part number refers to a **Chip Varistor** or a **Trimmer Potentiometer** designed for surface-mount technology (SMM). --- ### Technical Specifications The following table summarizes the general electrical and physical characteristics associated with this series: | Parameter | typical Specification | | :--- | :--- | | **Component Type** | Surface Mount (SMD) Trimmer / Resistor | | **Resistance Range** | 100 $\Omega$ to 1 M$\Omega$ (Variant dependent) | | **Power Rating** | 0.1W to 0.25W | | **Tolerance** | $\pm$ 20% or $\pm$ 10% | | **Operating Temperature** | -55°C to +125°C | | **Mounting Type** | Surface Mount (C-Type or J-Hook) | --- ### Key Internal Electronic Parts The CVR1-DG-R is composed of several critical materials and internal structures to ensure stability: 1. **Resistive Element:** Usually made of **Cermet** (a ceramic-metal composite). This material provides excellent stability and a low temperature coefficient. 2. **Substrate:** A high-grade **Alumina (Al2O3) ceramic base** that provides thermal dissipation and mechanical strength. 3. **Terminations:** The "R" in the suffix often denotes **RoHS compliance**. The electrodes are typically composed of a silver-palladium (Ag-Pd) base with a tin (Sn) plating for better solderability. 4. **Wiper (for Trimmers):** A multi-contact spring metal wiper that moves across the resistive element to change the resistance value. --- ### Part Number Breakdown While manufacturers vary, the nomenclature generally follows this logic: * **CVR:** Refers to "Chip Variable Resistor." * **1:** Indicates the physical size or series generation (often 3mm or 4mm class). * **DG:** Specific internal design code or specialized electrical taper. * **R:** Indicates **Taping/Reel** packaging or **RoHS** compliance. --- ### Common Applications The CVR1-DG-R is utilized in circuits requiring fine-tuning post-assembly: * **LCD Modules:** Adjusting contrast levels. * **Sensors:** Calibrating signal gain or zero-point offsets. * **Communication Equipment:** Tuning radio frequency (RF) circuits. * **Automotive Electronics:** Interior lighting adjustments or control modules.
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for a CVR1-DG-R marked '103'?
    • ⤷ How does the Cermet material compare to Carbon-based resistors in this component?
    • ⤷ Are there specific soldering profiles required for the DG-R variant?