Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CVR1-FC-R/CE

  • AI
    The **CVR1-FC-R/CE** is a specialized electronic component primarily used in fire safety and ventilation control systems. It is an interface module designed to manage and monitor motorized fire and smoke dampers. ### 1. Technical Specifications Below is a breakdown of the typical electronic characteristics of this unit: | Feature | Specification | | :--- | :--- | | **Power Supply** | Usually 24V AC/DC or 230V AC (model dependent) | | **Control Signal** | Relay-based or Open/Close signal | | **Connectivity** | Terminal blocks for motor and sensor wiring | | **Mounting** | DIN Rail or Integrated Box | | **Protection Rating** | IP42 to IP54 (depending on housing) | | **Feedback Signals** | Micro-switches (End switches) for Open/Closed status | --- ### 2. Core Electronic Components The internal circuitry of the CVR1-FC-R/CE consists of several key functional blocks: * **Micro-Relays:** These act as the primary switching element. When the fire alarm system sends a signal, the relay triggers to either cut or provide power to the damper motor. * **Status Indicators (LEDs):** * **Green:** Indicates power is present. * **Red:** Indicates a fault or alarm condition. * **Yellow:** Indicates transition or maintenance mode. * **Terminal Blocks:** Heavy-duty screw terminals designed to handle the current draw of the actuator motor and the low-voltage feedback lines. * **Protection Circuitry:** Often includes fuses or varistors to protect the unit from voltage spikes or short circuits in the motor wiring. --- ### 3. Functional Operation The device functions as a "bridge" between the **Fire Alarm Control Panel (FACP)** and the **Damper Actuator**. 1. **Monitoring:** It constantly monitors the position of the damper using feedback from the actuator's internal limit switches. 2. **Command Execution:** Upon receiving a 0V or 24V signal (logic-based) from the FACP, the CVR1 switches its internal relay to move the damper to its "safety position" (usually closed). 3. **Communication:** It sends a confirmation signal back to the central panel to verify that the physical movement was successful. ### 4. Application Context The **"CE"** suffix indicates compliance with European safety, health, and environmental protection standards, while the **"FC"** often denotes "Fire Control" or "Fan Control" compatibility. These are commonly found in HVAC (Heating, Ventilation, and Air Conditioning) systems within commercial buildings.
    ✨ Follow-up Questions
    • ⤷What is the specific wiring diagram for the CVR1-FC-R model?
    • ⤷ Can this module be used with 230V actuators?
    • ⤷ How do I troubleshoot a flashing red LED on this device?