Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CVRTD-A2-R

  • AI
    The **CVRTD-A2-R** is a specific model of an **RTD (Resistance Temperature Detector) Signal Converter/Transmitter**. These devices are critical in industrial automation for converting the low-level resistance signal from a temperature sensor into a standardized analog signal that a PLC (Programmable Logic Controller) or data logger can read. --- ## 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Model** | CVRTD-A2-R | | **Input Type** | PT100 Platinum RTD (3-wire configuration typical) | | **Output Type** | 4-20mA DC (Current Loop) | | **Power Supply** | 24V DC (Standard Industrial) | | **Mounting** | DIN Rail (35mm) | | **Accuracy** | Typically ±0.1% to ±0.2% Full Scale | | **Response Time** | < 100ms | --- ## 2. Key Electronic Components & Functions ### A. The Input Bridge (Wheatstone Bridge) The core of the unit is a precision bridge circuit. Since an RTD changes its resistance based on temperature, the CVRTD-A2-R senses this minute change. The "3-wire" input design is used to cancel out the resistance of the lead wires, ensuring the reading reflects only the temperature at the sensor tip. ### B. Signal Conditioning & Amplification The voltage drop across the RTD is very small (millivolts). The device contains **Operational Amplifiers (Op-Amps)** with high input impedance to boost this signal without loading the sensor circuit. ### C. Isolation Circuitry The "A2" designation often refers to **Galvanic Isolation**. * **Purpose:** It prevents electrical noise or ground loops from the sensor side from damaging the PLC or causing measurement errors. * **Method:** Usually achieved via an optocoupler or a magnetic transformer. ### D. Current Loop Transmitter (4-20mA) The final stage converts the processed voltage into a stable current. * **4mA:** Represents the lowest temperature in the range (e.g., 0°C). * **20mA:** Represents the highest temperature in the range (e.g., 200°C). * Current loops are preferred over voltage because they do not suffer from signal loss over long distances. --- ## 3. Wiring Configuration To integrate the CVRTD-A2-R, follow this general logic: ```markdown 1. RTD Terminals: Connect the PT100 (Red/White/White or Red/Red/White). 2. Power Terminals: Connect +24V DC and 0V. 3. Output Terminals: Connect to the Analog Input card of your PLC. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific temperature range for the CVRTD-A2-R?
    • ⤷ How do I calibrate the zero and span settings on this module?
    • ⤷ Can this converter be used with a 2-wire PT100 sensor?