Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CVRTD-A2-R/Q

  • AI
    The **CVRTD-A2-R/Q** is a specific variant of a Temperature Transmitter or Signal Conditioner, typically used in industrial automation to convert signals from Resistance Temperature Detectors (RTDs) into standard analog or digital outputs. Below is an explanation of its electronic components and specifications. --- ### 1. Technical Specifications This device is designed to interface between a physical sensor and a control system (like a PLC). | Feature | Specification | | :--- | :--- | | **Input Type** | RTD (typically Pt100, Pt1000, or Cu50) | | **Output Type** | Analog Voltage/Current (e.g., 4-20mA or 0-10V) | | **Power Supply** | Usually 24V DC | | **Mounting** | DIN Rail (standard for industrial cabinets) | | **Isolation** | Galvanic isolation between input, output, and power | --- ### 2. Key Electronic Parts and Functions The internal circuitry of the CVRTD-A2-R/Q consists of several functional blocks: #### A. Input Conditioning Circuit * **Precision Current Source:** Since RTDs are passive resistive devices, the module provides a constant low-level current (usually <1mA) to prevent "self-heating" while measuring resistance. * **Lead Wire Compensation:** Electronic terminals for 3-wire or 4-wire configurations to cancel out the resistance of the cables connecting the sensor to the module. #### B. Signal Processing (A/D Converter) * **ADC (Analog-to-Digital Converter):** High-resolution converter that transforms the small voltage drop across the RTD into a digital value. * **Microcontroller (MCU):** Applies a linearization algorithm. RTD resistance-to-temperature curves (like the Callendar-Van Dusen equation) are not perfectly linear; the MCU corrects this for high accuracy. #### C. Isolation Barrier * **Optocouplers or Transformers:** These components ensure that electrical noise or surges on the sensor side do not damage the PLC/Controller side (Galvanic Isolation). #### D. Output Stage (D/A Converter) * **Operational Amplifiers (Op-Amps):** Used to scale the processed signal into the final "A2" output format (often signifying a specific voltage or current range). --- ### 3. Wiring Configuration The terminal blocks are usually labeled for specific connections: 1. **Power (V+ / V-):** DC Input power. 2. **Input (A, B, B' or 1, 2, 3):** Terminals for the RTD sensor. 3. **Output (+ / -):** The conditioned signal sent to the monitoring system. --- ### 4. Part Number Breakdown (Typical) * **CV:** Often refers to the series (Signal Converter). * **RTD:** Resistance Temperature Detector input. * **A2:** Usually designates the output range (e.g., 4-20mA). * **R/Q:** Can indicate specific housing types, response times, or compliance certifications (like RoHS or UL).
    ✨ Follow-up Questions
    • ⤷What is the difference between 2-wire and 3-wire RTD wiring for this module?
    • ⤷ How do I calibrate the CVRTD-A2-R/Q for a specific temperature range?
    • ⤷ Does this module support Pt1000 sensors or only Pt100?