Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CW201212-R27J

  • AI
    The **CW201212-R27J** is a high-frequency, wire-wound chip inductor commonly used in RF (Radio Frequency) circuits. It is manufactured by companies like Bourns. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical size and electrical properties. | Parameter | Value | Description | | :--- | :--- | :--- | | **Inductance** | 270 nH | Measured at 100 MHz | | **Tolerance** | ±5% | Indicated by the suffix 'J' | | **Case Size (EIA)** | 0805 | Metric equivalent: 2012 (2.0 x 1.2 mm) | | **Q Factor (Min)** | 45 | Measured at 250 MHz | | **SRF (Self-Resonant Frequency)** | 900 MHz | Minimum frequency where it acts as an inductor | | **DCR (DC Resistance)** | 1.00 $\Omega$ | Maximum internal resistance | | **I rms (Rated Current)** | 300 mA | Maximum continuous current | --- ### 2. Physical Construction The "CW" prefix typically indicates a **Ceramic Core, Wire-wound** construction. * **Ceramic Core:** Provides excellent thermal stability and a high Self-Resonant Frequency (SRF), making it ideal for high-frequency applications. * **Wire-Wound:** The copper wire is coiled around the ceramic body. This construction allows for a higher **Q factor** (Quality Factor) compared to multilayer inductors, meaning lower energy loss in RF circuits. * **Terminations:** Usually features gold or tin plating over nickel to ensure good solderability and prevent oxidation. --- ### 3. Part Number Breakdown The code `CW201212-R27J` can be deconstructed as follows: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **CW** | Series | Ceramic Wire-wound Inductor | | **201212** | Size | 2.0mm (L) x 1.2mm (W) x 1.2mm (H) | | **R27** | Value | R denotes decimal point: 0.27 $\mu$H (or 270 nH) | | **J** | Tolerance | J = ±5% (Standard for RF inductors) | --- ### 4. Common Applications Due to its high Q and high SRF, this component is frequently found in: * **RF Filter Networks:** Used in bandpass or low-pass filters. * **Impedance Matching:** Tuning antennas in Wi-Fi, Bluetooth, and cellular modules. * **Oscillators:** Providing stable inductance for LC tank circuits. * **High-speed Communication:** Signal conditioning in telecommunications equipment. ---
    ✨ Follow-up Questions
    • ⤷What is the significance of the Q factor in RF inductors?
    • ⤷ How does the Self-Resonant Frequency (SRF) affect circuit design?
    • ⤷ Can I substitute a multilayer inductor for this wire-wound part?