Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CW2012A-R47_

  • AI
    ## Analysis of CW2012A-R47J The **CW2012A-R47J** is a high-frequency, wire-wound chip inductor commonly used in RF (Radio Frequency) circuits. Below is a detailed breakdown of its specifications and electronic characteristics. ### 1. Part Number Decoding The part number follows a specific nomenclature standard: | Component | Code | Meaning | | :--- | :--- | :--- | | **Series** | CW | Ceramic Wire-wound Inductor | | **Size** | 2012 | Metric size 2.0 x 1.2 mm (EIA 0805) | | **Material** | A | Standard ceramic core | | **Inductance** | R47 | 0.47 µH (470 nH) | | **Tolerance** | J | ±5% | --- ### 2. Technical Specifications These inductors are designed for high-performance filtering and impedance matching. | Parameter | Value | | :--- | :--- | | **Inductance** | 470 nH (0.47 µH) | | **Tolerance** | ±5% | | **Self-Resonant Frequency (SRF)** | Min 375 MHz | | **DC Resistance (DCR)** | Max 0.95 Ω | | **Rated Current (Idc)** | Max 310 mA | | **Operating Temperature** | -40°C to +125°C | | **Quality Factor (Q)** | Min 45 (at 100 MHz) | --- ### 3. Key Features and Applications #### Features: * **High Q Factor:** Due to the wire-wound construction on a ceramic core, it offers very low losses at high frequencies. * **High Self-Resonant Frequency:** Ensures the component behaves like an inductor even in high-speed RF paths. * **Excellent Thermal Stability:** The ceramic body provides high physical strength and heat resistance. #### Common Applications: 1. **RF Matching:** Used in antenna matching circuits for Bluetooth, Wi-Fi, and GPS modules. 2. **Filter Circuits:** High-pass, low-pass, and band-pass filters in telecommunication equipment. 3. **Local Oscillators:** Frequency stabilization in RF oscillators. 4. **Signal Isolation:** Decoupling high-frequency noise in power supply lines for sensitive RF ICs. --- ### 4. Footprint and Mounting (EIA 0805) The 2012 (metric) size corresponds to the **0805 (inch)** standard. ```text Physical Dimensions: L: 2.0 mm (+/- 0.2) W: 1.2 mm (+/- 0.2) T: 1.2 mm (+/- 0.2) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor in RF applications?
    • ⤷ How does the Q factor affect the performance of an LC filter?
    • ⤷ Can this inductor be used for high-power switching power supplies?