Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CW252016-R39J

  • AI
    The **CW252016-R39J** is a high-frequency, wire-wound surface mount (SMD) chip inductor. It is commonly used in RF (Radio Frequency) circuits for filtering, impedance matching, and resonance. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CW** | Series | Ceramic core, wire-wound chip inductor. | | **252016** | Dimensions | Metric size: 2.5mm x 2.0mm x 1.6mm (Approx. 1008 Imperial). | | **R39** | Inductance | **0.39 µH** (390 nH). The "R" acts as a decimal point. | | **J** | Tolerance | **±5%** (Standard tolerance for RF inductors). | --- ### 2. Key Technical Specifications Below are the typical electrical parameters for this specific part: * **Inductance:** 0.39 µH (at 25.2 MHz test frequency). * **Quality Factor (Q):** High Q (typically >25-30), which indicates low energy loss at high frequencies. * **Self-Resonant Frequency (SRF):** Usually around 500-600 MHz. * **DC Resistance (DCR):** Low resistance (typically <1.0 Ω) to minimize heat and voltage drop. * **Rated Current:** Usually handles between 200mA to 450mA depending on the specific manufacturer (e.g., Bourns or TDK). --- ### 3. Construction and Features The CW252016 series is designed for precision and durability: * **Ceramic Core:** Unlike ferrite cores, ceramic cores provide excellent thermal stability and a very high SRF, making them ideal for high-frequency applications. * **Wire-Wound Design:** Copper wire is wrapped around the ceramic body. This construction allows for much higher Q-factors and current-handling capabilities compared to multilayer chip inductors. * **Encapsulation:** Often coated with a clear epoxy resin to protect the winding from mechanical damage and environmental moisture. --- ### 4. Common Applications * **RF Communications:** Cell phones, Wi-Fi modules, and Bluetooth devices. * **Impedance Matching:** Used in antenna circuits to ensure maximum power transfer. * **Filtering:** Low-pass or band-pass filters in high-speed signal lines. * **Oscillators:** Part of the LC (Inductor-Capacitor) tank circuits that generate specific frequencies.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between ceramic core and ferrite core inductors?
    • ⤷ How do I calculate the resonant frequency for a circuit using this inductor?
    • ⤷ What are the equivalent alternative part numbers for the CW252016-R39J?